Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDPB70XPE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMDPB70XPE
Description  20 V dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDPB70XPE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMDPB70XPE Datasheet HTML 3Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 4Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 5Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 6Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 7Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 8Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 9Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 10Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMDPB70XPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 June 2012
7 of 15
NXP Semiconductors
PMDPB70XPE
20 V dual P-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = -3 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
ID = -2 A
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
0-4
-3
-1
-2
aaa-003872
-4
-8
-12
ID
(A)
0
VGS = -2.8 V
-3.0 V
-2.5 V
-2.2 V
-1.8 V
-8.0 V
-4.5 V
-3.5 V
017aaa129
VGS (V)
0.0
− 1.5
−1.0
−0.5
−10−4
−10−5
−10−3
ID
(A)
−10−6
(2)
(1)
(3)
ID (A)
0
-12
-8
-4
aaa-003873
100
200
300
RDSon
(mΩ)
0
VGS = -2.2 V
-1.8 V
-2.5 V
-3.0 V
-8.0 V
-4.5 V
-2.8 V
-3.5 V
VGS (V)
0-6
-4
-2
aaa-003874
100
200
300
RDSon
(mΩ)
0
Tj = 25 °C
Tj = 150 °C


Similar Part No. - PMDPB70XPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDPB70XPE NEXPERIA-PMDPB70XPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE_15 Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
More results

Similar Description - PMDPB70XPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com