Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14L020 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC14L020
Description  14-Bit, 20 MSPS, 150 mW A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14L020 Datasheet(HTML) 5 Page - Texas Instruments

  ADC14L020_14 Datasheet HTML 1Page - Texas Instruments ADC14L020_14 Datasheet HTML 2Page - Texas Instruments ADC14L020_14 Datasheet HTML 3Page - Texas Instruments ADC14L020_14 Datasheet HTML 4Page - Texas Instruments ADC14L020_14 Datasheet HTML 5Page - Texas Instruments ADC14L020_14 Datasheet HTML 6Page - Texas Instruments ADC14L020_14 Datasheet HTML 7Page - Texas Instruments ADC14L020_14 Datasheet HTML 8Page - Texas Instruments ADC14L020_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
VDR
DR GND
AGND
VA
ADC14L020
www.ti.com
SNAS325C – JUNE 2005 – REVISED MARCH 2006
Pin No.
Symbol
Equivalent Circuit
Description
Digital data output pins that make up the 14-bit conversion result. D0
(pin 12) is the LSB, while D13 (pin 27) is the MSB of the output
word. Output levels are TTL/CMOS compatible. Optimum loading is
< 10pF.
12-19
D0–D13
22-27
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
5, 29
VA
quiet +3.3V source and bypassed to AGND with 0.1 µF capacitors
located close to these power pins, and with a 10 µF capacitor.
4, 7, 28
AGND
The ground return for the analog supply.
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
6
VD
quiet +3.3V source as is VA and be bypassed to DGND with a 0.1 µF
capacitor located close to the power pin and with a 10 µF capacitor.
9
DGND
The ground return for the digital supply.
Positive driver supply pin for the ADC14L020's output drivers. This
pin should be connected to a voltage source of +2.4V to VD and be
bypassed to DR GND with a 0.1 µF capacitor. If the supply for this
21
VDR
pin is different from the supply used for VA and VD, it should also be
bypassed with a 10 µF capacitor. VDR should never exceed the
voltage on VD. All 0.1 µF bypass capacitors should be located close
to the supply pin.
The ground return for the digital supply for the ADC's output drivers.
These pins should be connected to the system digital ground, but
20
DR GND
not be connected in close proximity to the ADC's DGND or AGND
pins. See Section 5 (Layout and Grounding) for more details.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC14L020


Similar Part No. - ADC14L020_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020CIVY/NOPB TI1-ADC14L020CIVY/NOPB Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
More results

Similar Description - ADC14L020_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com