Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC16DV160 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DV160
Description  Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DV160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC16DV160 Datasheet HTML 3Page - Texas Instruments ADC16DV160 Datasheet HTML 4Page - Texas Instruments ADC16DV160 Datasheet HTML 5Page - Texas Instruments ADC16DV160 Datasheet HTML 6Page - Texas Instruments ADC16DV160 Datasheet HTML 7Page - Texas Instruments ADC16DV160 Datasheet HTML 8Page - Texas Instruments ADC16DV160 Datasheet HTML 9Page - Texas Instruments ADC16DV160 Datasheet HTML 10Page - Texas Instruments ADC16DV160 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADC16DV160
www.ti.com
SNAS488G – AUGUST 2009 – REVISED AUGUST 2011
Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: VA3.0 = 3.0V, VA1.8 = 1.8V, VDR = 1.8V, Differential sinusoidal
clock, fCLK = 160 MSPS at 2.8 VPP, AIN = -1dBFS, LVDS RTERM = 100Ω, CL = 5 pF. Typical values are for TA = 25°C. Boldface
limits apply for TA = TMIN to TMAX. All other limits apply for TA = +25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typ
Limits
Units
Fin = 30 MHz at
−1dBFS
78
dBFS
SNR
Signal-to-Noise Ratio
Fin = 197 MHz at
−1dBFS
76
74.3
dBFS
Fin = 197 MHz at
−7dBFS
77.3
dBFS
Fin = 30 MHz at
−1dBFS
95
dBFS
SFDR
Single-tone Spurious Free Dynamic Range (1)
Fin = 197 MHz at
−1dBFS
89
81
dBFS
Fin = 197 MHz at
−7dBFS
99
dBFS
Fin = 197 MHz at
−1dBFS
−85
-80
dBFS
THD
Total Harmonic Distortion
Fin = 197 MHz at
−7dBFS
−96
dBFS
Fin = 197 MHz at
−1dBFS
−90
dBFS
H2
Second-order Harmonic (1)
Fin = 197 MHz at
−7dBFS
−99
dBFS
Fin = 197 MHz at
−1dBFS
−93
dBFS
H3
Third-order Harmonic (1)
Fin = 197 MHz at
−7dBFS
−105
dBFS
Fin = 197 MHz at
−1dBFS
98
90
dBFS
Worst Harmonic or Spurious Tone excluding H2
SPUR
and H3
Fin = 197 MHz at
−7dBFS
102
dBFS
Full Power Bandwidth
-3dB Point
1.4
GHz
0 MHz tested channel, fIN=32.5 MHz at -
110
dBFS
1dBFS other channel
Crosstalk
0 MHz tested channel, fIN=192 MHz at -
103
dBFS
1dBFS other channel
(1)
This parameter is specified in units of dBFS – dB relative to the ADC's input full-scale voltage.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC16DV160


Similar Part No. - ADC16DV160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
ADC16DV160CILQE/NOPB TI1-ADC16DV160CILQE/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DV160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com