Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S052 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC128S052
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC128S052_14 Datasheet HTML 2Page - Texas Instruments ADC128S052_14 Datasheet HTML 3Page - Texas Instruments ADC128S052_14 Datasheet HTML 4Page - Texas Instruments ADC128S052_14 Datasheet HTML 5Page - Texas Instruments ADC128S052_14 Datasheet HTML 6Page - Texas Instruments ADC128S052_14 Datasheet HTML 7Page - Texas Instruments ADC128S052_14 Datasheet HTML 8Page - Texas Instruments ADC128S052_14 Datasheet HTML 9Page - Texas Instruments ADC128S052_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADC128S052
SNAS333C – AUGUST 2005 – REVISED NOVEMBER 2010
www.ti.com
ADC128S052 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for AGND = DGND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 kSPS to 500 kSPS, CL =
50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
fSCLK
Maximum Clock Frequency
VA = VD = +2.7V to +5.25V
16
8
MHz (max)
50
200
kSPS (min)
Sample Rate
fS
VA = VD = +2.7V to +5.25V
Continuous Mode
1000
500
kSPS (max)
tCONVERT
Conversion (Hold) Time
VA = VD = +2.7V to +5.25V
13
SCLK cycles
30
40
% (min)
DC
SCLK Duty Cycle
VA = VD = +2.7V to +5.25V
70
60
% (max)
tACQ
Acquisition (Track) Time
VA = VD = +2.7V to +5.25V
3
SCLK cycles
Acquisition Time + Conversion Time
Throughput Time
16
SCLK cycles
VA = VD = +2.7V to +5.25V
tAD
Aperture Delay
VA = VD = +2.7V to +5.25V
4
ns
6
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Links: ADC128S052


Similar Part No. - ADC128S052_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S052_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com