Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC141S625 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC141S625
Description  14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC141S625 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC141S625 Datasheet HTML 6Page - Texas Instruments ADC141S625 Datasheet HTML 7Page - Texas Instruments ADC141S625 Datasheet HTML 8Page - Texas Instruments ADC141S625 Datasheet HTML 9Page - Texas Instruments ADC141S625 Datasheet HTML 10Page - Texas Instruments ADC141S625 Datasheet HTML 11Page - Texas Instruments ADC141S625 Datasheet HTML 12Page - Texas Instruments ADC141S625 Datasheet HTML 13Page - Texas Instruments ADC141S625 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADC141S625
SNAS434A – NOVEMBER 2007 – REVISED JANUARY 2009
www.ti.com
Typical Performance Characteristics
VA = VIO = VREF = +5V, fSCLK = 4.5 MHz, fSAMPLE = 250 kSPS, TA = +25°C, and fIN = 20 kHz unless otherwise stated.
DNL vs. SCLK FREQUENCY
INL vs. SCLK FREQUENCY
DNL vs. TEMPERATURE
INL vs. TEMPERATURE
SINAD vs. VA
THD vs. VA
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: ADC141S625


Similar Part No. - ADC141S625

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S626 TI1-ADC141S626 Datasheet
1Mb / 29P
[Old version datasheet]   Micro Power A/D Converter
logo
National Semiconductor ...
ADC141S626CIMM NSC-ADC141S626CIMM Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S626CIMM/NOPB TI1-ADC141S626CIMM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Micro Power A/D Converter
logo
National Semiconductor ...
ADC141S626CIMMX NSC-ADC141S626CIMMX Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
More results

Similar Description - ADC141S625

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625 TI1-ADC121S625_14 Datasheet
1Mb / 31P
[Old version datasheet]   ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC121S705 TI1-ADC121S705 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com