Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58C28 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS58C28
Description  Dual Channel IF Receiver with SNRBoost3G
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58C28 Datasheet(HTML) 1 Page - Texas Instruments

  ADS58C28_14 Datasheet HTML 1Page - Texas Instruments ADS58C28_14 Datasheet HTML 2Page - Texas Instruments ADS58C28_14 Datasheet HTML 3Page - Texas Instruments ADS58C28_14 Datasheet HTML 4Page - Texas Instruments ADS58C28_14 Datasheet HTML 5Page - Texas Instruments ADS58C28_14 Datasheet HTML 6Page - Texas Instruments ADS58C28_14 Datasheet HTML 7Page - Texas Instruments ADS58C28_14 Datasheet HTML 8Page - Texas Instruments ADS58C28_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
ADS58C28
www.ti.com
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
Dual Channel IF Receiver with SNRBoost3G
Check for Samples: ADS58C28
1
FEATURES
DESCRIPTION
23
Maximum Sample Rate: 200MSPS
The
ADS58C28
is
a
dual-channel,
11-bit
analog-to-digital converter (ADC) with sampling rates
High Dynamic Performance:
up to 200MSPS. The device uses innovative design
83dBc SFDR at 140MHz
techniques to achieve high dynamic performance,
72.5dBFS SNR with 60MHz BW Using
while consuming extremely low power at 1.8V supply.
SNRBoost3G Technology
This architecture makes it well-suited for multi-carrier,
wide bandwidth communications applications.
SNRBoost3G Highlights:
Supports Wide Bandwidth (up to 60MHz)
The ADS58C28 uses third-generation SNRBoost3G
technology to overcome SNR limitation as a result of
Programmable Bandwidths:
quantization noise (for bandwidths less than Nyquist,
20MHz, 30MHz, and 40MHz
fS/2). Enhancements in the SNRBoost
3G technology
Flat Noise Floor within the Band
allow support for SNR improvements over wide
Independent SNRBoost3G Coefficients for
bandwidths (up to 60MHz). In addition, separate
Both Channels
SNRBoost3G coefficients can also be programmed for
each channel.
Output Interface:
The device has a digital gain function that can be
Double Data Rate (DDR) LVDS with
used
to
improve
SFDR
performance
at
lower
Programmable Swing and Strength:
full-scale input ranges. It includes a dc offset
Standard Swing: 350mV
correction loop that can be used to cancel the ADC
Low Swing: 200mV
offset. The digital outputs of all channels are output
as double data rate (DDR) low-voltage differential
Default Strength: 100
Ω termination
signaling (LVDS) together with an LVDS clock output.
2x Strength: 50
Ω termination
The low data rate of this interface (400MBPS at
Compatible with GC6016
200MSPS sample rate) makes it possible to use
1.8V Parallel CMOS Interface Also
low-cost
field-programmable
gate
array
(FPGA)-based receivers. The strength of the LVDS
Supported
output buffers can be increased to support 50
Ω
Ultralow Power with Single 1.8V Supply:
differential termination. This increase allows the
470mW Total Power
output clock signal to be connected to two separate
710mW Total Power (200MSPS) with
receiver chips with an effective 50
Ω termination (such
as the two clock ports of the GC5330). The same
SNRBoost3G on Both Channels
digital output pins can also be configured as a parallel
Programmable Gain up to 6dB for
1.8V CMOS interface.
SNR/SFDR Trade-off
The device includes internal references while the
DC Offset Correction
traditional reference pins and associated decoupling
Supports Low Input Clock Amplitude
capacitors have been eliminated. The ADS58C28 is
Package: QFN-64 (9mm × 9mm)
specified
over
the
industrial
temperature
range
(–40°C to +85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS58C28_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C28 TI1-ADS58C28_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
More results

Similar Description - ADS58C28_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
[Old version datasheet]   Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C28 TI1-ADS58C28_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com