Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58C48 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS58C48
Description  Quad Channel IF Receiver with SNRBoost 3G
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58C48 Datasheet(HTML) 2 Page - Texas Instruments

  ADS58C48_14 Datasheet HTML 1Page - Texas Instruments ADS58C48_14 Datasheet HTML 2Page - Texas Instruments ADS58C48_14 Datasheet HTML 3Page - Texas Instruments ADS58C48_14 Datasheet HTML 4Page - Texas Instruments ADS58C48_14 Datasheet HTML 5Page - Texas Instruments ADS58C48_14 Datasheet HTML 6Page - Texas Instruments ADS58C48_14 Datasheet HTML 7Page - Texas Instruments ADS58C48_14 Datasheet HTML 8Page - Texas Instruments ADS58C48_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
B0397-01
REFERENCE
CONTROL
INTERFACE
CLKP
CLKM
CM
CLOCKGEN
INB_P
INB_M
OUTPUT
CLOCK
BUFFER
CLKOUTP/M
ADS58C48
14 bit
ADC
DDR
SERIALIZER
11 bit
CHA<10>_P/M
DDR
SERIALIZER
11bit
14 bit
ADC
DDR
SERIALIZER
SNRBoost
11 bit
14 bit
ADC
DDR
SERIALIZER
SNRBoost
11 bit
INC_P
INC_M
INA_P
INA_M
IND_P
IND_M
CHANNEL A
CHANNEL B
CHANNEL C
CHANNEL D
Digital Processing
Block
Digital Processing
Block
SNRBoost
Digital Processing
Block
SNRBoost
Digital Processing
Block
CHA<8>_P/M
CHA<6>_P/M
CHA<4>_P/M
CHA<2>_P/M
CHA<0>_P/M
CHB<10>_P/M
CHB<8>_P/M
CHB<6>_P/M
CHB<4>_P/M
CHB<2>_P/M
CHB<0>_P/M
CHC<10>_P/M
CHC<8>_P/M
CHC<6>_P/M
CHC<4>_P/M
CHC<2>_P/M
CHC<0>_P/M
CHD<10>_P/M
CHD<8>_P/M
CHD<6>_P/M
CHD<4>_P/M
CHD<2>_P/M
CHD<0>_P/M
14 bit
ADC
14 bit
ADC
ADS58C48
SLAS689 – MAY 2010
www.ti.com
Figure 1. ADS58C48 Block Diagram (LVDS interface)
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48


Similar Part No. - ADS58C48_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C48IPFP TI-ADS58C48IPFP Datasheet
2Mb / 70P
[Old version datasheet]   Quad Channel IF Receiver with SNRBoost 3G
ADS58C48IPFPR TI-ADS58C48IPFPR Datasheet
2Mb / 70P
[Old version datasheet]   Quad Channel IF Receiver with SNRBoost 3G
More results

Similar Description - ADS58C48_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58C48 TI-ADS58C48 Datasheet
2Mb / 70P
[Old version datasheet]   Quad Channel IF Receiver with SNRBoost 3G
ADS58C28 TI1-ADS58C28_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
   Quad IF Receiver
AD6657 AD-AD6657 Datasheet
1Mb / 32P
   Quad IF Receiver
REV. 0
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com