Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1231 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1231
Description  24-Bit Analog-to-Digital Converter for Bridge Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1231 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1231_14 Datasheet HTML 1Page - Texas Instruments ADS1231_14 Datasheet HTML 2Page - Texas Instruments ADS1231_14 Datasheet HTML 3Page - Texas Instruments ADS1231_14 Datasheet HTML 4Page - Texas Instruments ADS1231_14 Datasheet HTML 5Page - Texas Instruments ADS1231_14 Datasheet HTML 6Page - Texas Instruments ADS1231_14 Datasheet HTML 7Page - Texas Instruments ADS1231_14 Datasheet HTML 8Page - Texas Instruments ADS1231_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ADS1231
www.ti.com
SBAS414C – JULY 2009 – REVISED DECEMBER 2010
ELECTRICAL CHARACTERISTICS
Minimum/maximum limit specifications apply from –40°C to +85°C. Typical specifications at +25°C.
All specifications at AVDD = DVDD = VREFP = +5V, VCM = 2.5V and VREFN = GND, unless otherwise noted.
ADS1231
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
±0.5VREF/128
V
Full-scale input voltage (AINP – AINN)
VREF = AVDD = 5V
±19.5
mV
VREF = AVDD = 3V
±11.7
mV
Common-mode input range
GND + 1.5
AVDD – 1.5
V
Differential input current
±2
nA
LOW-SIDE POWER SWITCH
AVDD = 5V, ISW = 30mA
3.5
5
On-resistance (RON)
AVDD = 3V, ISW = 30mA
4
7
Current through switch
30
mA
SYSTEM PERFORMANCE
Resolution
No missing codes
24
Bits
Internal oscillator, SPEED = high
80
SPS
Internal oscillator, SPEED = low
10
SPS
Data rate
External oscillator, SPEED = high
fCLK/61, 440
SPS
External oscillator, SPEED = low
fCLK/491, 520
SPS
Digital filter settling time
Full settling
4
Conversions
Integral nonlinearity (INL)
Differential input, end-point fit
±8
ppm
Input offset error
10
mV
Input offset drift
±20
nV/°C
Gain error
1
%
Gain drift
±2
ppm/°C
fIN = 50Hz or 60Hz ±1Hz, fDATA = 10SPS,
80
100
dB
internal oscillator
Normal-mode rejection(1)
fIN = 50Hz or 60Hz ±1Hz, fDATA = 10SPS,
90
110
dB
external oscillator(2)
Common-mode rejection
At dc
110
dB
fDATA = 10SPS, AVDD = VREF = 5V
35
nV, rms
fDATA = 80SPS, AVDD = VREF = 5V
102
nV, rms
Noise
fDATA = 10SPS, AVDD = VREF = 5V
232
nV, P-P
fDATA = 80SPS, AVDD = VREF = 5V
622
nV, P-P
Power-supply rejection
At dc
90
100
dB
VOLTAGE REFERENCE INPUT
Voltage reference input (VREF)
VREF = VREFP – VREFN
1.5
AVDD
AVDD + 0.1
V
Negative reference input (VREFN)
AGND – 0.1
VREFP – 1.5
V
Positive reference input (VREFP)
VREFN + 1.5
AVDD + 0.1
V
Voltage reference input current
10
nA
DIGITAL INPUT/OUTPUT (DVDD = 3V to 5.3V)
VIH
0.8 DVDD
DVDD + 0.1
V
VIL
GND
0.2 DVDD
V
Logic levels
VOH
IOH = 500mA
DVDD – 0.4
V
VOL
IOL = 500mA
0.2 DVDD
V
Input leakage
0 < VDIGITAL INPUT < DVDD
±10
mA
Serial clock input frequency (fSCLK)
5
MHz
(1)
Specification is assured by the combination of design and final test.
(2)
External oscillator = 4.9152MHz.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - ADS1231_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1231ID TI1-ADS1231ID Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231ID TI1-ADS1231ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1231IDR TI1-ADS1231IDR Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231REF TI1-ADS1231REF Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
More results

Similar Description - ADS1231_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com