Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H0509RN-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # H0509RN-2W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0509RN-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  H0509RN-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0509RN-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0509RN-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
H_RN-2W & H_LT-2W
C/0-2012
Page 1 of 3
H_RN-2W & H_LT-2W Series
2W, FIXED INPUT,6000V ISOLATED & UNREGULATED
SINGLE OUTPUT DC-DC CONVERTER
Patent Protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
Certificate*
H0503RN-2W
3.3
606
60
71
H0505RN-2W
5
400
40
76
CE
H0509RN-2W
9
223
22
78
CE
H0512RN-2W
12
167
17
79
CE
H0515RN-2W
15
133
13
78
CE
H0505LT-2W
5
400
40
76
CE
H0509LT-2W
9
223
22
78
CE
H0512LT-2W
12
167
17
79
CE
H0515LT-2W
5
4.5-5.5
15
133
13
78
CE
H1205RN-2W
5
400
40
76
CE
H1209RN-2W
9
223
22
79
CE
H1212RN-2W
12
167
17
80
CE
H1215RN-2W
15
133
13
79
CE
H1205LT-2W
5
400
40
76
CE
H1209LT-2W
9
223
22
79
CE
H1212LT-2W
12
167
17
80
CE
H1215LT-2W
12
10.8-13.2
15
133
13
79
CE
H2405RN-2W
5
400
40
77
CE
H2409RN-2W
9
223
22
77
CE
H2412RN-2W
12
167
17
80
CE
H2415RN-2W
15
133
13
78
CE
H2403LT-2W
3.3
400
40
71
H2405LT-2W
5
400
40
77
CE
H2409LT-2W
9
223
22
77
CE
H2412LT-2W
12
167
17
80
CE
H2415LT-2W
24
21.6-26.4
15
133
13
78
CE
Note:
1.Models listed with strike-through text have been officially discontinued.
2.*CE Certificate:EN60601
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Package material
Epoxy Resin (UL94-V0)
Short circuit protection
Continuous, automatic recovery
MTBF
3500
K hours
Weight
3.8
g
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
Tested for 1 minute and 1mA max
6000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
● High Efficiency up to 80%
● DIP/SMD Package
● 6kVDC Isolation
● Temperature Range: -40°C ~ +85°C
● Internal SMD Construction
● No Heatsink Required
● No External Component Required
● Continuous Short Circuit Protection
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The
H_RN-2W&H_LT-2W
series
are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤ 6000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
H0505RN-2W
Product Series
Input Voltage
Output Voltage
Package Style
R ated Power
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com
Isolation capacitance
10
pF


Similar Part No. - H0509RN-2W

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
H0509RN-2W CRYSTEKCRYSTAL-H0509RN-2W Datasheet
314Kb / 3P
   2W, FIXED INPUT,6000V ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - H0509RN-2W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com