Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # HK
Description  INTELLIGENT PASSIVE TRANSMITTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

HK Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  HK Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. HK Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. HK Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. HK Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
HK series
2013.10.09- A/3
Page 3 of4
(Figure 3)
Note:1. Figure 2 applies to HK5S03B、HK5S05B、HK8S03B、HK8SX3B、HK8S05IB、HK3S03B;
2.Figure 3 applies to HK5S03BV.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN REFERENCE
Ground Loop Problem In Signal Transmission And Ground Electric Potential Difference
There are many reasons causing ground loop problem in instrument circuit.When the signal transmission and receiving devices connected toa
different location or of different power supplies, it will lead to ground loop, and it is common in long cable transmission. Most of the reason is that
the equipment of the metal shell had physical contact with the ground. Ground loop produces electric circuit, and form error sources.
Because the accuracy of the signal can not be measured through simple observation in the receiving end of the signal. the land circulation for
different ground potential will bring error that can't be detected to signal loop. There is also a signal error problem caused by ground loop in the
absence of two-wire signal isolation transmission. Signals like lightning signal and surge signal will load on the signal line along with long wire,
and damage modulation and detection devices on the port. In another case, two components of the different potential port may lead to the port
voltage exceeding, and damage the device port subsequently.
Signal transmission mode of non-isolated two-wire system
trans duc er
ADC
MCU
3.3V
2.5V
HART modulator
v ol tage
reguls tor
c urrent loop
DAC
two wir e i nstr ument
4-20 mA
24V
RL
PLC
(Figure 4)


Similar Description - HK

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
   User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
   PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Tripp Lite. All Rights ...
B1401P1WP1 TRIPPLITE-B1401P1WP1 Datasheet
489Kb / 2P
   DVI over Cat5-Cat6 Passive Extender Wallplate Kit, Transmitter and Receiver, 1920x1080 60Hz
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
   Passive Modulartaskopfe/ Passive Modular Probes
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
logo
Good Will Instrument Co...
GFC-8270H GWINSTEK-GFC-8270H Datasheet
486Kb / 1P
   INTELLIGENT COUNTER
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com