Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA2415KS-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # IA2415KS-2W
Description  2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IA2415KS-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  IA2415KS-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IA2415KS-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. IA2415KS-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
IA_KS-2W & IA_S-2W
2013.08.30-B/1
Page 2 of5
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Unit
Storage humidity range
--
--
95
%
Operating temperature
-40
--
85
Storage temperature
-55
--
125
Lead temperature
--
20
30
Temp. rise at full load
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
Case material
Plastic (UL94-V0)
Short circuit protection
IAXX05S-2W/1W5
Continuous
Others*
--
--
1
s
MTBF
3500
--
--
K hours
Weight
--
5.2
--
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ.
Max.
Unit
Isolation voltage
Tested for 1 minute and 1mA max
1000
--
--
VDC
Isolation resistance
Test at 500VDC
1000
--
--
M
Ω
TYPICAL CHARACTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
OUTLINE DIMENSIONS & PIN CONNECTIONS


Similar Part No. - IA2415KS-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IA2415KS-1W MORNSUN-IA2415KS-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - IA2415KS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
E-XD-2W MICRODC-E-XD-2W Datasheet
705Kb / 3P
   2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D14B GAPTEC-2D14B Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com