Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8860IDGS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8860IDGS
Description  16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8860IDGS Datasheet(HTML) 2 Page - Texas Instruments

  ADS8860IDGS Datasheet HTML 1Page - Texas Instruments ADS8860IDGS Datasheet HTML 2Page - Texas Instruments ADS8860IDGS Datasheet HTML 3Page - Texas Instruments ADS8860IDGS Datasheet HTML 4Page - Texas Instruments ADS8860IDGS Datasheet HTML 5Page - Texas Instruments ADS8860IDGS Datasheet HTML 6Page - Texas Instruments ADS8860IDGS Datasheet HTML 7Page - Texas Instruments ADS8860IDGS Datasheet HTML 8Page - Texas Instruments ADS8860IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ADS8860
SBAS569A – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY INFORMATION(1)
THROUGHPUT
18-BIT, TRUE-DIFFERENTIAL
16-BIT, SINGLE-ENDED
16-BIT, TRUE-DIFFERENTIAL
100 kSPS
ADS8887
ADS8866
ADS8867
250 kSPS
400 kSPS
ADS8885
ADS8864
ADS8865
500 kSPS
ADS8319(2)
ADS8318(2)
680 kSPS
ADS8883
ADS8862
ADS8863
1 MSPS
ADS8881
ADS8860
ADS8861
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Pin-to-pin compatible device with AVDD = 5 V.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
AINP to GND or AINN to GND
–0.3
REF + 0.3
V
AVDD to GND or DVDD to GND
–0.3
4
V
REF to GND
–0.3
5.7
V
Digital input voltage to GND
–0.3
DVDD + 0.3
V
Digital output to GND
–0.3
DVDD + 0.3
V
Operating temperature range, TA
–40
+85
°C
Storage temperature range, Tstg
–65
+150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under electrical characteristics is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
ADS8860
THERMAL METRIC(1)
DGS
DRC
UNITS
10 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
151.9
111.1
θJCtop
Junction-to-case (top) thermal resistance
45.4
46.4
θJB
Junction-to-board thermal resistance
72.2
45.9
°C/W
ψJT
Junction-to-top characterization parameter
3.3
3.5
ψJB
Junction-to-board characterization parameter
70.9
45.5
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS8860


Similar Part No. - ADS8860IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
More results

Similar Description - ADS8860IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com