Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4420-D1-FT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SI4420-D1-FT
Description  Si4420 Universal ISM Band FSK Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI4420-D1-FT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI4420-D1-FT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Si4420
9
AC Characteristics (Transmitter)
Symbol
Parameter
Conditions/Notes
Min
Typ
Max
Units
IOUT
Open collector output DC current
Programmable
0.5
6
mA
In low bands
8
Pmax
Available output power with optimal
antenna impedance
(Note 3, 4)
In high bands
4
dBm
Pout
Typical output power
Selectable in 2.5 dB steps (Note 5)
Pmax-21
Pmax
dBm
Psp
Spurious emission
At max power with loop antenna
(Note 6)
-50
dBc
In low bands
2
2.6
3.2
Co
Output capacitance
(set by the automatic antenna tuning
circuit)
In high bands
2.1
2.7
3.3
pF
In low bands
13
15
17
Qo
Quality factor of the output
capacitance
In high bands
8
10
12
100 kHz from carrier
-75
Lout
Output phase noise
1 MHz from carrier
-85
dBc/Hz
BR
FSK bit rate
256
kbps
dffsk
FSK frequency deviation
Programmable in 15 kHz steps
15
240
kHz
AC Characteristics (Turn-on/Turnaround timings)
Symbol
Parameter
Conditions/Notes
Min
Typ
Max
Units
tsx
Crystal oscillator startup time
Crystal ESR < 100 (Note 8)
1
5
ms
Ttx_rx_XTAL_ON
Transmitter - Receiver turnover time
Synthesizer off, crystal oscillator on during
TX/RX change with 10 MHz step
450
µs
Trx_tx_XTAL_ON
Receiver - Transmitter turnover time
Synthesizer off, crystal oscillator on during
RX/TX change with 10 MHz step
350
µs
Ttx_rx_SYNT_ON
Transmitter - Receiver turnover time
Synthesizer and crystal oscillator on
during TX/RX change with 10 MHz step
425
µs
Trx_tx_SYNT_ON
Receiver - Transmitter turnover time
Synthesizer and crystal oscillator on
during RX/TX change with 10 MHz step
300
µs
AC Characteristics (Others)
Symbol
Parameter
Conditions/Notes
Min
Typ
Max
Units
Cxl
Crystal load capacitance,
see crystal selection guide
Programmable in 0.5 pF steps, tolerance
+/- 10%
8.5
16
pF
tPOR
Internal POR timeout
After Vdd has reached 90% of final value
(Note 7)
150
ms
tPBt
Wake-up timer clock accuracy
Crystal oscillator must be enabled to
ensure proper calibration at startup
(Note 8)
+/-10
%
Cin, D
Digital input capacitance
2
pF
tr, f
Digital output rise/fall time
15 pF pure capacitive load
10
ns
All notes for tables above are on page 10.


Similar Part No. - SI4420-D1-FT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Vishay Siliconix
SI4420BDY VISHAY-SI4420BDY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
SI4420BDY VISHAY-SI4420BDY Datasheet
103Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Jun-06
SI4420BDY VISHAY-SI4420BDY Datasheet
186Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 02-Mar-09
SI4420BDY VISHAY-SI4420BDY Datasheet
185Kb / 8P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4420-D1-FT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com