Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD20-10B24 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LD20-10B24
Description  AC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD20-10B24 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LD20-10B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD20-10B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD20-10B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD20-10B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD20-10B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD20-10B24 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC/DC Converter
LD20 Series
2014.02.12-B/0
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
20W, AC-DC converter
FEATURES
Universal input range:85~264VAC/120~370VDC
AC and DC all in one (input from the same terminal)
Meet UL60950,EN60950
High efficiency, low power consumption,
meet energy star standards
low ripple & noise
Urtal-slim SIP package
Protection of output short circuit, over-current,
over-voltage
Three years product warranty
PCB mounting, Chassis mounting, DIN-Rail mounting
RoHS
LD20 series ----- a 20W compact size power converter offered by MORNSUN, small volume. It features universal input voltage, taking both
DC and AC input voltage, low power consumption, low ripple& noise, high efficiency, high reliability, 3000VAC safer isolation. It offers good
EMC performance, meet IEC/EN61000-4, CISPR22/EN55022, UL60950 and EN60950 standards, and widely used in industrial, electricity,
instruments, telecommunication and civil applications. For harsh EMC environment, the application circuit in the datasheet is strongly
recommended.
Selection Guide
Certification
Model
Output Power
Nominal Output Voltage
and Current(Vo/Io)
Efficiency
(230VAC,%/Typ.)
Max. Capacitive Load
(μF)
UL/CE
LD20-10B03
11.88W
3.3V/3600mA
74
10000
LD20-10B05
18W
5V/3600mA
78
10000
LD20-10B12
20W
12V/1660mA
82
5400
LD20-10B15
15V/1330mA
83
2700
LD20-10B24
24V/833mA
83
1500
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
120
--
370
VDC
Input frequency
47
--
440
Hz
Input current
110VAC
--
370
--
mA
230VAC
--
240
--
Inrush current
110VAC
--
20
--
A
230VAC
--
40
--
Recommended External Input Fuse
(Special package series include fuse)
3.15A/250V, slow fusing
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
0%-100%
--
±2(3.3V is ±3)
--
%
Line Regulation
Full load
--
±0.5
--
Load Regulation
10%-100% load
--
±1
--
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
120
mV
Temperature Drift Coefficient
--
±0.02
--
%/°C


Similar Part No. - LD20-10B24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD20-2600B ETC2-LD20-2600B Datasheet
326Kb / 6P
   Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B05 MORNSUN-LD20-26B05 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B09 MORNSUN-LD20-26B09 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B12 MORNSUN-LD20-26B12 Datasheet
1Mb / 6P
   20W, AC/DC converter
More results

Similar Description - LD20-10B24

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com