Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS01-15B05SS Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LS01-15B05SS
Description  AC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS01-15B05SS Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS01-15B05SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC/DC Converter
LS01-15BXXSS Series
2014.02.12-A/0
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
AC(N)
AC(L)
AC(L)
MOV2
LCM
CX
CY1
CY2
ACDC
C1
+
5
Can use MORNSUN’S FC-L01DV1
FUSE
12
CY0
10
7
AC(N)
-Vo
+Vo
L1
+
+
C2
C3
TVS
RL
C4
LDM
Fig 2: EMC application circuit with higher requirements
Fig 3: Recommended EMC circuit-PCB layout
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm, A≥6.4mm
Components
Recommend Parameter
MOV2
S14K350
CY1
1nF/400VAC
CY2
1nF/400VAC
CX
0.1μF/275VAC
LCM
3.5mH
LDM
0.3mH
FC-L01DV1
MORNSUN’s 1KV/2KV Surge protector
FUSE(Required)
1A/250V, slow fusing
3. For more information please find application notes on www.mornsun-power.com


Similar Part No. - LS01-15B05SS

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LS01-15B05S MORNSUN-LS01-15B05S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
More results

Similar Description - LS01-15B05SS

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com