Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS05-15B05S Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LS05-15B05S
Description  5W,AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B05S Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS05-15B05S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B05S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B05S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B05S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B05S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS05(-F) series
2013.08.29-A/1
Page 1 of 5
LS05 Series
5W,AC-DC CONVERTER
LS05 Series -----are high efficient green power modules with miniature
packaging provided by Mornsun. The series is featured by wide input voltage
range, high efficiency, high reliability, low power consumption and safety
isolation etc. They are widely used in industrial, official and civil equipments
which have no special requirement for EMC performance. For harsh EMC
environment, please refer to the EMC recommended circuits.
RoHS
PRODUCT FEATURES
1. Wide input voltage:85 ~ 264VAC(100 ~ 400VDC)
2. Over current protection and short-circuit protection
3. High efficiency, High security isolation: 3000VAC
4. Ultra-Miniature package
5. Industrial design
6. 90 degree curved series, minimizing product height
7. Certificate UL60950/EN60950 standards
PART NUMBER SYSTEM
Special Mark
put Voltage
Vol tage
Output Power
Output Voltage
Output Style
In
Isol ation
Package
Product Series
LS05-15B05S
SELECTION GUIDE
Approval
Model
Power
Output (Vo/Io)
Max. Capacitive
Load (
µF)
Ripple and
Noise
(Max.)
Efficiency (%)
(230VAC,Typ.)
Standby
Power(Max.)
LS05-15B03S(-F)*
3.3W
3.3V/1000mA
2200
150mV
65
LS05-15B05S(-F)
5V/1000mA
1500
120mV
70
LS05-15B09S(-F)
9V/560mA
680
120mV
72
LS05-15B12S(-F)
12V/420mA
470
120mV
74
LS05-15B15S(-F)
15V/340mA
330
120mV
75
UL
(beside
“-F”)
LS05-15B24S(-F)
5W
24V/210mA
100
150mV
75
0.5W
Note:* The model of 90 degrees of corner is with F. For example the LS05-15B12S of 90 degrees of corner product is LS05-15B12S-F.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
AC Input
85
--
264
Input Voltage Range
DC Input
100
--
400
V
Input Frequency
47
--
440
Hz
115VAC
--
--
0.2
Input Current
230VAC
--
--
0.1
115VAC
--
20
--
Inrush Current
230VAC
--
30
--
A
leakage Current
CY0 is 1nF/400VAC
--
--
0.25
mA
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
LS05-15B03S(-F)
--
±2.0
±3.0
LS05-15B05S(-F)
--
LS05-15B09S(-F)
--
LS05-15B12S(-F)
--
LS05-15B15S(-F)
--
Output Voltage Accuracy
LS05-15B24S(-F)
--
±1.0
±2.0
Line Regulation
full load
--
±0.1
±0.5
Load Regulation
10% to 100%
--
±1.0
±1.5
%
Ripple& Noise(p-p)
(measuring refer to
“RIPPLE AND NOISE MEASURE FIGURE”)
20MHz bandwidth
--
50
150
mV


Similar Part No. - LS05-15B05S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LS05-15B05SS MORNSUN-LS05-15B05SS Datasheet
284Kb / 5P
   AC/DC converter
More results

Similar Description - LS05-15B05S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com