Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3482 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC3482_14 Datasheet HTML 7Page - Texas Instruments DAC3482_14 Datasheet HTML 8Page - Texas Instruments DAC3482_14 Datasheet HTML 9Page - Texas Instruments DAC3482_14 Datasheet HTML 10Page - Texas Instruments DAC3482_14 Datasheet HTML 11Page - Texas Instruments DAC3482_14 Datasheet HTML 12Page - Texas Instruments DAC3482_14 Datasheet HTML 13Page - Texas Instruments DAC3482_14 Datasheet HTML 14Page - Texas Instruments DAC3482_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
DAC3482
www.ti.com
SLAS748E – MARCH 2011 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS
(1)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY
DNL
Differential nonlinearity
±2
LSB
1 LSB = IOUTFS/2
16
INL
Integral nonlinearity
±4
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
LSB
Offset error
Mid code offset
±0.001
%FSR
Gain error
With external reference
±2
%FSR
With internal reference
±2
%FSR
Gain mismatch
With internal reference
±2
%FSR
Full scale output current
10
20
30
mA
Output compliance range
–0.5
0.6
V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
1.2
V
Reference output current(2)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.6
1.2
1.25
V
External Reference Mode
Input resistance
1
M
Ω
Small signal bandwidth
472
kHz
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
Offset drift
±1
ppm/°C
With external reference
±15
ppm/°C
Gain drift
With internal reference
±30
ppm/°C
Reference voltage drift
±8
ppm/°C
(1)
Measured differentially across IOUTP/N with 25
Ω each to GND.
(2)
Use an external buffer amplifier with high impedance input to drive any external load.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC3482


Similar Part No. - DAC3482_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3482_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com