Electronic Components Datasheet Search |
|
ECJ0EB1A473 Datasheet(PDF) 11 Page - Panasonic Semiconductor |
|
ECJ0EB1A473 Datasheet(HTML) 11 Page - Panasonic Semiconductor |
11 / 12 page – EC18 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. CH CG 27 ±5 %(J) or ±10 %(K) ECJ2VC1H270 0.6 33 ECJ2VC1H330 0.6 39 ECJ2VC1H390 0.6 47 ECJ2VC1H470 0.6 56 ECJ2VC1H560 0.6 68 ECJ2VC1H680 0.6 82 ECJ2VC1H820 0.6 100 ECJ2VC1H101 0.6 120 ECJ2VC1H121 0.6 150 ECJ2VC1H151 0.6 180 ECJ2VC1H181 0.6 220 ECJ2VC1H221 0.6 270 ECJ2VC1H271 0.6 330 ECJ2VC1H331 0.6 390 ECJ2VC1H391 0.6 470 ECJ2VC1H471 0.6 560 ECJ2VC1H561 0.6 680 ECJ2VC1H681 0.6 820 ECJ2VC1H821 0.6 1000 ECJ2VC1H102 0.6 1200 ECJ2VC1H122 0.6 — 1500 ECJ2VC1H152 0.6 — 1800 ECJ2VC1H182 0.6 — 2200 ECJ2VC1H222 0.6 — 2700 ECJ2VC1H272 0.85 — : Capacitance tolerance code. Dimensional tolerance of L, W, T: ± 0.1 mm Standard packaging quantity of Packaging Style Code “V” (T = 0.6 mm): 5,000 pcs./reel, “V” (T = 0.85 mm): 4,000 pcs./reel Recommend soldering method: Reflow soldering. ■ Standard Products for EIA “0805”, Taped Version ● Class 1 ◆ Temperature Characteristic Code : C (Temp. Char. : C∆) ◆ Temperature Characteristic Code : G (Temp. Char. : SL) Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. SL 27 ±5 %(J) or ±10 %(K) ECJ2VG1H270 0.6 33 ECJ2VG1H330 0.6 39 ECJ2VG1H390 0.6 47 ECJ2VG1H470 0.6 56 ECJ2VG1H560 0.6 68 ECJ2VG1H680 0.6 82 ECJ2VG1H820 0.6 100 ECJ2VG1H101 0.6 120 ECJ2VG1H121 0.6 150 ECJ2VG1H151 0.6 180 ECJ2VG1H181 0.6 220 ECJ2VG1H221 0.6 270 ECJ2VG1H271 0.6 330 ECJ2VG1H331 0.6 390 ECJ2VG1H391 0.6 470 ECJ2VG1H471 0.6 560 ECJ2VG1H561 0.6 680 ECJ2VG1H681 0.6 820 ECJ2VG1H821 0.6 1000 ECJ2VG1H102 0.6 1200 ECJ2VG1H122 0.6 1500 ECJ2VG1H152 0.6 1800 ECJ2VG1H182 0.6 2200 ECJ2VG1H222 0.6 2700 ECJ2VG1H272 0.6 Sep. 2008 00 |
Similar Part No. - ECJ0EB1A473 |
|
Similar Description - ECJ0EB1A473 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |