Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC36239 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MC36239
Description  Surface Mountable PTC Resettable Fuse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC36239 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MC36239 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC36239 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC36239 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC36239 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC36239 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
surface Mountable PTC Resettable Fuse
Page <3>
17/05/11 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Fault current (A)
A = MC36203
B = MC36205
C = MC36208
D = MC36212
E = MC36214
F = MC36217
G = MC36223
H = MC36230
I = MC36236
J = MC36239
Typical Time-To-Trip at 23°C
Material Specification
Terminal pad material
: Pure tin.
Soldering characteristics
: Meets EIA specification RS 186-9E, ANSI/J-std-002 category 3.
Pad Layouts Solder Reflow and Rework Recommendations
The dimension in the table below provide the recommended pad layout for each 1210 device.
Device
A
Nominal
B
Nominal
C
Nominal
All 1210 Series
2.00
1.00
2.80
Pad Dimensions
Dimensions : Millimetres


Similar Part No. - MC36239

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36206 ETC2-MC36206 Datasheet
66Kb / 4P
   Surface Mountable PTC Resettable Fuse
MC36207 ETC-MC36207 Datasheet
1Mb / 4P
   Resettable Fuse
MC36210 ETC2-MC36210 Datasheet
66Kb / 4P
   Surface Mountable PTC Resettable Fuse
MC36211 ETC-MC36211 Datasheet
1Mb / 4P
   Resettable Fuse
MC36213 ETC2-MC36213 Datasheet
66Kb / 4P
   Surface Mountable PTC Resettable Fuse
More results

Similar Description - MC36239

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
   Surface Mountable PTC Resettable Fuse
MC36210 ETC2-MC36210 Datasheet
66Kb / 4P
   Surface Mountable PTC Resettable Fuse
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
   Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
   Surface Mountable PTC Resettable Fuse : FSMD20
logo
RFE international
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
FSMD0603 RFE-FSMD0603 Datasheet
342Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD0603 Series
2021/04/08
logo
Fuzetec Technology Co.,...
FSMD005-1206-R FUZETEC-FSMD005-1206-R Datasheet
210Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
FSMD005-1210-R FUZETEC-FSMD005-1210-R Datasheet
191Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD1210 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com