Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA100W-EX-11 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TA100W-EX-11
Description  ULTRA-THIN ANALOG SIGNAL OUTPUT DETECTION SAFETY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA100W-EX-11 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TA100W-EX-11 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA100W-EX-11 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA100W-EX-11 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA100W-EX-11 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA100W-EX-11 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TAxxxW-EX-xx
2013.12.27-A/0
Page 2 of5
ELECTRICAL CHARACTERISTICS
Power Supply
Input voltage
18~30VDC(Typical 24VDC)
Power Dissipation
≤1.5W(TAx4xW-EX , TAx00W-EX , TAxx2W-EX)
≤2.4W(TAx05W-EX)
Power Protection
Reverse protection, over- current protection
Distribution
(Isolators with isolated power output)
No-load Voltage
24V
±10%
Full-load Voltage
>16V(Isolation power output current @ 20mA)
Field Area
Input Signal
See selection guide
Input Impedance
≤ 4V (Current input @20mA)
≥100KΩ(Voltage input)
Control Area
Output Signal
See selection guide
Load
≤500Ω(@maximum output current)
≥2000Ω(@maximum output voltage)
Ripple & Noise
≤60mVp-p (20MHz bandwidth)
TRANSMISSION CHARACTERISTICS
Zero Offset
0.1%F.S.
Accuracy
0.1%F.S.
Gain Error
0.1%F.S.
Temperature Drift
0.0050%F.S./℃(-25 ~ +71℃ operating temperature range)
ISOLATION CHARACTERISTICS
Electrical Isolation
Three-port isolation (input, output and power supply)
Isolation Voltage
2500VAC between application field and control cabinet
2500VDC between signal input or output and power supply
2500VDC between channels (multi-channel products)
Test conditions: testing for 1minute, humidity < 70%, leakage current < 1mA
EMC CHARACTERISTICS
EMS
ESD
IEC/EN61000-4-2 Contact
±4KV/Air ±8KV
perf. CriteriaB
RS
IEC/EN61000-4-3 10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4 Power Port
±2KV
perf. CriteriaB
IEC/EN61000-4-4 Signal Port
±1KV
perf. CriteriaB
Surge
IEC/EN61000-4-5 Power Por
±1KV/2KV
perf. CriteriaB
IEC/EN61000-4-5 Signal Port
±1KV(Line to GND)
perf. CriteriaB
CS
IEC/EN61000-4-63 Vr.m.s
perf. CriteriaA
STANDARDS & CERTIFICATES
Explosion Protection
[Exia Ga] IIC
Explosion Protection
Certification Parameters
Um : 250VAC/DC
1) TA100W-EX , TA102W-EX , TA600W-EX , TA602W-EX ; (Between the pin3 and 4):
Uo : 10.5VDC , Io: ------
2) TA105W-EX , TA605W-EX ; (Between the pin 4 and 1):
Uo : 28VDC , Io : 115mA , Po : 0.81W , Co : 0.05
µF, Lo : 2.2mH.
(Between the pin3 and 1):
Uo : 10.5VDC , Io : ------
3) TA140W-EX , TA640W-EX;(Between the pin 4and 3)
Uo : 13VDC , Io : 7mA , Po : 23mW , Co : 0.8
µF , Lo:100mH.
Explosion Protection
Certification Agency
CHINA
NATIONAL
QUALITY
SUPERVISION
AND TEST
CENTRE
FOR
EXPLOSION
PROTECTED
ELECTRICAL PRODUCTS
Explosion Qualified NO.
CNEx13.3120


Similar Part No. - TA100W-EX-11

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TA100W-11 MORNSUN-TA100W-11 Datasheet
840Kb / 4P
   Transducers power supply
More results

Similar Description - TA100W-EX-11

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
TII13-EX MORNSUN-TII13-EX Datasheet
190Kb / 2P
   ANALOG SIGNAL ISOLATING DETECTION BARRIER
TD100-EX-485-RE MORNSUN-TD100-EX-485-RE Datasheet
470Kb / 3P
   DETECTION SAFETY BARRIER RS485 INPUT RS485 OUTPUT
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com