Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA106W-11 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TA106W-11
Description  12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA106W-11 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TA106W-11 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA106W-11 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA106W-11 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TAx06W-xx
2013.05.08-A/1
Page 3 of 3
INSTALLATION & DISASSEMBLY
DIN35mm standard rail installation:
1.
Insert the top of the instrument card in the rail;
2.
Push the bottom of the instrument into the rail.
1
2
1. Insert a screwdriver between the bottom of the card lock and the rail;
2. Pull up the screwdriver and press the card lock downwards;
3. Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION & PACKAGING DIAGRAM
Note:
1. All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more detail.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - TA106W-11

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1060A TAI-SAW-TA1060A Datasheet
365Kb / 6P
   SAW Filter 1315 MHz
logo
Golledge Electronics Lt...
TA1060A GOLLEDGE-TA1060A Datasheet
92Kb / 5P
   SAW Filter 1315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1063A TAI-SAW-TA1063A Datasheet
411Kb / 6P
   SAW Filter 469 MHz
logo
Golledge Electronics Lt...
TA1063A GOLLEDGE-TA1063A Datasheet
81Kb / 6P
   SAW Filter 469.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1066A TAI-SAW-TA1066A Datasheet
428Kb / 8P
   SAW Filter 873 MHz
More results

Similar Description - TA106W-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
   Passive Input Digital Isolators
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
T1100RN MORNSUN-T1100RN Datasheet
80Kb / 2P
   PASSIVE SIGNAL AMPLIFIER
T1100L MORNSUN-T1100L Datasheet
68Kb / 2P
   PASSIVE SIGNAL AMPLIFIER
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
logo
List of Unclassifed Man...
DPM500SL-20 ETC2-DPM500SL-20 Datasheet
103Kb / 2P
   12.5mm (0.5혫) Digit Height
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
List of Unclassifed Man...
122-2920-GR ETC2-122-2920-GR Datasheet
196Kb / 1P
   Single 12.5mm Coin Cell Holder
122-2313-GR ETC2-122-2313-GR Datasheet
169Kb / 1P
   Dual 12.5mm Coin Cell Holder
logo
Faraday Technology
AS400M FARADAY-AS400M Datasheet
43Kb / 2P
   SERIAL DIGITAL AUDIO PASSIVE SIGNAL SPLITTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com