Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAF100W-EX-11 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TAF100W-EX-11
Description  12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TAF100W-EX-11 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TAF100W-EX-11 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TAF100W-EX-11 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TAF100W-EX-11 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TAF100W-EX-11 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
TAF1xxW-EX-xx
2013.12.05-A/0
Page 3 of5
4. Select suitable safety barrier which matches the intrinsically safe device in spot according to the power polarity, signal type and transmission
mode about the device.
5. Much more protection is required, which can avoid the influence of the leakage current generated by safety barrier on intrinsically safe device
in spot.
6. The wires leading to dangerous field should be constrainted in blue intrinsically safe wires, and its copper cross-section should be more than
0.5mm2; Insulation intensity should be more than 500VDC.
Operation notes
1. Please read the user manual carefully before using. If any question please contact our technical support department
2. Please do not use this product in hazardous area.
3. The power supply of this product should be 24VDC power source. It is forbidden to use 220VAC power supply.
4.To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.。
APPLICATION CIRCUIT DIAGRAM&
PIN DESCRIPTION
Bottom power supply port
11
12
9
10
7
8
Inside
1
2
3
4
5
6
Outside
Inside
Outside
Inside
Outside
Inside
Outside
Inside
Outside
Inside
Outside
Note: When use bottom power supply, anyone gr oup or both is OK.
Pins 1, 2, 3, 4, 5, and 6 is in the scene area, belong to the
dangerous side, use blue terminals;
Pin 7, 8, 9, 10, 11, 12 is in the control area, belong to the safe side,
use green terminals
+
-
12
11
8
7
6
5
4~2 0mA
24VDC
-
+
+
-
C urrent
source
HHC
HHC
I
P
TAF1 XXW-EX se ries
input 1 output
Haz ar dous ar ea
Saf e a rea
Pin
TAF1XXW-EX
NC
1,2,3,4,9,10
5
Signal output-
6
Signal output+
7
Signal input-
8
Signal input+
11
Power Input-
12
Power Input+
INSTALLATION& DISASSEMBLY
INSTALLATION
DIN12.5mm standard rail installation:
1. Upside of the instrument card in the rail;
2. Push underside of the instrument into the rail.
1
2
DISASSEMBLY
1. Usea screwdriver (Width of edge
≤ 6mm), cut in the metal card lock
from the underside;
2. Boost up the screwdriver and prize the metal card lock downwards;
3. Pull the instrument out of the rail.
1
2
3


Similar Part No. - TAF100W-EX-11

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
More results

Similar Description - TAF100W-EX-11

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TA100W-EX-11 MORNSUN-TA100W-EX-11 Datasheet
1Mb / 5P
   ULTRA-THIN ANALOG SIGNAL OUTPUT DETECTION SAFETY BARRIER
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
T1100B MORNSUN-T1100B Datasheet
436Kb / 3P
   Passive single channel analog signal Isolation barrier
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T1133B MORNSUN-T1133B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T5230B MORNSUN-T5230B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T1530B MORNSUN-T1530B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com