Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD501D232H Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TD501D232H
Description  SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501D232H Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD501D232H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501D232H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501D232H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx01D232H
2013.3.21-A/0
Page 2 of 3
OTHER CHARACTERISTICS
Operating temperature:-40
°C ~+85°C
Environmental temperature
Transport and storage temperature: -50
°C ~+105°C
Operating Humidity
10%~90%
The Max. Case Temperature
50℃(Ta=25
°C)
Cooling
Free air convection
Size
19.9*16.9*7.05mm(L*W*H) (Unit:mm)
Weight
About 4 g
Application Environment
No dust, fierce vibration, impulsion and corrosive gas
EMC RECOMMENDED CIRCUIT
VCC
GND1
TXD
RXD
RGND
T_OUT
R_IN
2
1
3
4
8
7
6
C3
C2
C1
+
TVS1
L1
TVS2
TVS3
TVS4
R1
R2
R3
GND
GND
TDx01D232H
C4
(Figure 1)
Recommended external circuit parameters:
Model
TD301D232H
TD501D232H
C1
220uF/10V(Electrolytic capacitor)
TVS1
SMCJ5.0A
SMCJ6.5A
C2,C3
1μF/25V
L1
130
μH
C4
1nF/2000V
R1
1M
Ω
TVS2,TVS3
SMBJ18CA
TVS4
SMBJ30CA
R2,R3
10
Ω/2W(Wire-wound resistor)
GDT1
B3D090L-C
APPLICATION NOTE
1. Please read the user manual carefully before using. If any question please contact our technical support department.
2. Please do not use this product in hazardous area.
3. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.
AFTER SERVICE
1. Products are carefully inspected and quality control during production and before shipment. If they operated abnormally or there were anything
wrong, please contact our agent near you or MORNSUN FAE as soon as possible.
2. MORNSUN warranty our product for 3 years from manufacturing date. During this peroid, MORNSUN will repair or replace the product if product
was found to have manufacturing defect.
APPLICATION GUIDE
See the communication interface product application guide.


Similar Part No. - TD501D232H

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD501D485 MORNSUN-TD501D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD501D485 MORNSUN-TD501D485 Datasheet
877Kb / 4P
   Isolation transceiver module
TD501D485H MORNSUN-TD501D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H MORNSUN-TD501D485H Datasheet
253Kb / 4P
   Industrial Bus
TD501D485H-A MORNSUN-TD501D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results

Similar Description - TD501D232H

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD302D232H MORNSUN-TD302D232H Datasheet
537Kb / 3P
   DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
   DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
   DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com