Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD501D485H-A Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TD501D485H-A
Description  SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501D485H-A Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD501D485H-A Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501D485H-A Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501D485H-A Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx01D485H-A
2013.12.04-A/1
Page 2 of 3
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASSA
(External Circuit Refer to Figure 1-②)
RE
CISPR22/EN55022
CLASSA
(External Circuit Refer to Figure 1-②)
EMS
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. CriteriaB
RS
IEC/EN61000-4-3
10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4
Power Port
±2KV
perf. CriteriaB
(External Circuit Refer to Figure 1-①)
IEC/EN61000-4-4
Signal Port
±1KV
perf. CriteriaB
(External Circuit Refer to Figure 1-③)
EMS
Surge
IEC/EN61000-4-5
Power Port
±1KV/2KV
perf.CriteriaB
(External Circuit Refer to Figure 1-①)
IEC/EN61000-4-5
Signal Port
±4KV/6KV
perf. CriteriaB
(External Circuit Refer to Figure 1-③)
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. CriteriaA
OTHER CHARACTERISTICS
Environmental Temperature
Operating temperature:-40℃~+85℃
Transport and storage temperature: -50℃~+105℃
Operating Humidity
10%~90%
Size
19.9*16.9*7.05(L*W*H) (Unit:mm)
Weight
Approx. 4g
Application Environment
The presence of dust, fierce vibration, impulsion and corrosive gas may cause damage to the product
Note:1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical
support team.
EMC RECOMMENDED CIRCUIT
GND
+
TXD
L1
RXD
RGND
A
B
1
2
3
4
10
9
8
T V S 1 C1
C2
C3
R2
T VS2
R3
T V S3
T V S4
GDT
R1
C4
VCC
C5
C6
(Figure 1)overall plan(detail parameter refer to item)
Recommended external circuit parameters:
Model
TD301D485H-A
TD501D485H-A
C1
220uF/10V(Electrolytic capacitor)
TVS1
SMCJ5.0A
SMCJ6.5A
C2,C3
1uF/25V
L1
10
μH
C4
1nF/2KV
C5,C6
100pF/100V
R1
1M
Ω
TVS2,TVS3,
TVS4
SMBJ15CA
R2,R3
10
Ω/2W(Wire-wound resistor)
GDT
B3D090L-C
APPLICATION NOTE
1. Please read the user manual carefully before using. If any question please contact our technical support department.
2. Please do not use this product in hazardous area.
3. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.


Similar Part No. - TD501D485H-A

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
273Kb / 4P
   Isolation transceiver module
More results

Similar Description - TD501D485H-A

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H-E MORNSUN-TD301D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
TD312P485 MORNSUN-TD312P485 Datasheet
338Kb / 3P
   DUAL LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D232H MORNSUN-TD301D232H Datasheet
901Kb / 3P
   SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
logo
UN Semiconducctor INC
UNSRS485-2L UNSEMI-UNSRS485-2L Datasheet
2Mb / 5P
   High Speed RS485 Miniature Lightning Module
Revision March 1,2022
logo
MORNSUN Science& Techno...
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
   SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
   Isolation transceiver module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com