Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L05CD13TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L78L05CD13TR
Description  Positive voltage regulators
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L05CD13TR Datasheet(HTML) 5 Page - STMicroelectronics

  L78L05CD13TR Datasheet HTML 1Page - STMicroelectronics L78L05CD13TR Datasheet HTML 2Page - STMicroelectronics L78L05CD13TR Datasheet HTML 3Page - STMicroelectronics L78L05CD13TR Datasheet HTML 4Page - STMicroelectronics L78L05CD13TR Datasheet HTML 5Page - STMicroelectronics L78L05CD13TR Datasheet HTML 6Page - STMicroelectronics L78L05CD13TR Datasheet HTML 7Page - STMicroelectronics L78L05CD13TR Datasheet HTML 8Page - STMicroelectronics L78L05CD13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
DocID2145 Rev 22
5/47
L78L
Maximum ratings
47
3
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
VO = 3.3 to 9 V
30
V
VO = 12 to 15 V
35
VO = 18 to 24 V
40
IO
Output current
100
mA
PD
Power dissipation
Internally limited (1)
1.
Our SO-8 package used for voltage regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the
die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78LxxAC /
L78LxxC
0 to 125
°C
for L78LxxAB
-40 to 125
Table 2. Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case (max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient (max)
55 (1)
200
55 (1)
°C/W
1.
Considering 6 cm² of copper Board heat-sink.


Similar Part No. - L78L05CD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L05CD13TR STMICROELECTRONICS-L78L05CD13TR Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
L78L05CD13TR STMICROELECTRONICS-L78L05CD13TR Datasheet
907Kb / 29P
   Positive voltage regulators
L78L05CD13TR STMICROELECTRONICS-L78L05CD13TR Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L05CD13TR STMICROELECTRONICS-L78L05CD13TR Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
More results

Similar Description - L78L05CD13TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com