Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM7530AP Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TM7530AP
Description  Isolated Transmitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TM7530AP Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TM7530AP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TM7530AP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TM7530AP Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated Transmitter
TMxxxxAP Series
2014.03.18-A/1
Page 1 of3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Active high precision isolated transmitter
mV-level positive and negative signal input & positive signal output
RoHS
FEATURES
l
Three-terminal isolation (signal input, signal output,
power supply)
l
High precision grade (0.1% F.S.)
l
High linearity (0.1% F.S.)
l
High isolation voltage(2.5kVDC/60s)
l
Extremely low temperature drift (50PPM/°C)
l
Industrial grade (range of operating temperature:
-25 to +71°C)
l
High reliability (MTBF >500,000 hours)
The TMxxxxAP series isolation amplifier modules havea mV-level positive and negative signal input and positive signal output. These
modules, with a high efficiency micro-power source built-in, can provide power for signal processing circuit. In the three-wire and four-wire
transmitter applications, our products make customers
design simple and helpfully improve the room-using ratio of PCB. Adopting
electromagnetism isolation technology, it is available to keep higher accuracy and extremely lower temperature drift than photocoupler
isolation. These modules have three-port isolation (input, output and power supply),and the isolation voltage between them is up to
2.5kVDC.
Selection Guide
Part No.
Power Supply input (VDC)
Input Signal
Output Signal
Isolation Power
Output (VDC)
TM2130AP
24V
±20mV
4~20mA
None
TM4130AP
24V
±50mV
4~20mA
None
TM1630AP
24V
±10mV
0~5V
None
TM5630AP
24V
±75mV
0~5V
None
TM6660AP
5V
±100mV
0~5V
None
TM6S6AP-3
5V
±100mV
0~3V
None
TM7530AP
24V
±200mV
0~10V
None
TM6650AP
12V
±100mV
0~5V
None
TM6S50AP-3.3
12V
±100mV
0~3.3V
None
Notes: Customization products are available if required.
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Input voltage
(Nominal value of power supply input) ±5%
Input power
1W
Power supply protection
Reverse polarity protection
Input
Input signal
See selection guide
Input impedance
@max. input signal
10MΩ
Overload
10V
Output Specifications
Item
Operating Conditions
Value
Output
Output signal
See selection guide
Load capacity
Voltage output
2KΩ
Current output @20mA
500Ω
Transmission Specifications
Item
Operating Conditions
Value
Zero Offset
0.1%F.S.
Precision
0.1%F.S.
Temperature Drift
Operating temperature range of -25 to +71°C
0.005%F.S./℃


Similar Part No. - TM7530AP

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM7570 SPECTRUM-TM7570 Datasheet
43Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM7570 APITECH-TM7570 Datasheet
44Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TM7530AP

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com