Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3V3S5-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # T3V3S5-7
Description  UNIDIRECTIONAL SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

T3V3S5-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  T3V3S5-7 Datasheet HTML 1Page - Diodes Incorporated T3V3S5-7 Datasheet HTML 2Page - Diodes Incorporated T3V3S5-7 Datasheet HTML 3Page - Diodes Incorporated T3V3S5-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T3V3S5 / T5V0S5 / T6V0S5 / T12S5
Document number: DS31112 Rev. 10 - 2
1 of 4
www.diodes.com
August 2013
© Diodes Incorporated
T3V3S5 / T5V0S5 / T6V0S5 / T12S5
UNIDIRECTIONAL SURFACE MOUNT TVS
Features
Ideally Suited for ESD Protection
Small Surface Mount Package
Excellent Clamping Capability, Fast Response Time
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOD523
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Band
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
(Type Number)-7*
(Note 5)
Standard
XX (Note 6)
7
8
3,000/Tape & Reel
* Add “-7” to the appropriate type number in Electrical Characteristics Table on page 2 example: 5.0V TVS = T5V0S5-7.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
5. Dispensed in every other cavity of the tape.
6. See Electrical Characteristics Table for marking code by part number.
Marking Information
Top View
xx = Product Type Marking Code
(See Electrical Characteristics Table)
xx
e3


Similar Part No. - T3V3S5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T3V3S5 DIODES-T3V3S5 Datasheet
153Kb / 4P
   Ideally Suited for ESD Protection
T3V3S5 DIODES-T3V3S5 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
More results

Similar Description - T3V3S5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD5V2S2UT DIODES-DESD5V2S2UT Datasheet
102Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T12S5-7 DIODES-T12S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
D7V0M1U2S9 DIODES-D7V0M1U2S9 Datasheet
331Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
September 2015 Rev. 1 - 2
D5V0M1U2S9Q DIODES-D5V0M1U2S9Q Datasheet
211Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
D5V0M1U2S9 DIODES-D5V0M1U2S9 Datasheet
145Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL TVS DIODE
logo
Shenzhen Luguang Electr...
TGL34 LUGUANG-TGL34 Datasheet
354Kb / 4P
   Surface Mount Unidirectional and Bidirectional TVS
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com