Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12ZA2P Datasheet(PDF) 9 Page - Littelfuse

Part # V12ZA2P
Description  ZA Varistor Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V12ZA2P Datasheet(HTML) 9 Page - Littelfuse

Back Button V12ZA2P Datasheet HTML 5Page - Littelfuse V12ZA2P Datasheet HTML 6Page - Littelfuse V12ZA2P Datasheet HTML 7Page - Littelfuse V12ZA2P Datasheet HTML 8Page - Littelfuse V12ZA2P Datasheet HTML 9Page - Littelfuse V12ZA2P Datasheet HTML 10Page - Littelfuse V12ZA2P Datasheet HTML 11Page - Littelfuse V12ZA2P Datasheet HTML 12Page - Littelfuse V12ZA2P Datasheet HTML 13Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Repetitive Surge Capability for 14mm Parts
V18ZA3(P) - V68ZA10(P)
V82ZA12(P) - V180ZA10(P)
FIGURE 22. SURGE CURRENT RATING CURVES FOR
V82ZA4(P) - V180ZA5(P)
FIGURE 23. SURGE CURRENT RATING CURVES FOR
V18ZA3(P) - V68ZA10(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
1,000
500
200
100
50
20
10
5
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 10mm
V82ZA4(P) - V180ZA5(P)
200
100
50
20
10
5
1
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
103
INDEFINITE
1,000
500
MODEL SIZE 14mm
V18ZA3(P) - V68ZA10(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
V120ZA20(P) - V180ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
V18ZA40(P) - V68ZA20(P)
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12(P) - V180ZA10(P)
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40(P) - V68ZA20(P)
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20(P) - V180ZA20(P)
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12(P) - V180ZA10(P)
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40(P) - V68ZA20(P)
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20(P) - V180ZA20(P)
NOTE: If pulse ratings are exceeded, a shift of V
N(DC)(at specified current) of more then +/-10% could result. This type of shift, which normally results
in a decrease of V
N(DC), may result in the device not meeting the original published specifications, but does not prevent the device from continuing to
function, and to provide ample protection.
Repetitive Surge Capability for 20mm Parts
Figure 21
Figure 22
Figure 23
Figure 24


Similar Part No. - V12ZA2P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V12ZA2P LITTELFUSE-V12ZA2P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V12ZA2P LITTELFUSE-V12ZA2P Datasheet
825Kb / 13P
   Radial Lead Varistors
V12ZA2P LITTELFUSE-V12ZA2P Datasheet
1Mb / 14P
   ZA Varistor Series
V12ZA2P LITTELFUSE-V12ZA2P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V12ZA2P LITTELFUSE-V12ZA2P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V12ZA2P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
logo
Superworld Electronics
ZAW100-RE-10 SUPERWORLD-ZAW100-RE-10_17 Datasheet
244Kb / 6P
   Ferrite Chip Bead ??ZA Series
logo
Panasonic Battery Group
EEH-ZA PANASONICBATTERY-EEH-ZA Datasheet
540Kb / 1P
   EEH-ZA & EEH-ZC Series
logo
PHOENIX CONTACT
1203288 PHOENIX-1203288 Datasheet
75Kb / 2P
   CRIMPFOX ZA 5
logo
Littelfuse
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
logo
PHOENIX CONTACT
1201882 PHOENIX-1201882 Datasheet
110Kb / 3P
   CRIMPFOX ZA 3
1203301 PHOENIX-1203301 Datasheet
75Kb / 2P
   CRIMPFOX ZA 6-3
1202289 PHOENIX-1202289 Datasheet
68Kb / 3P
   CRIMPFOX ZA 3 G
1203233 PHOENIX-1203233 Datasheet
99Kb / 3P
   CRIMPFOX ZA 3-1
logo
Littelfuse
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com