Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C101J5GAC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # C0402C101J5GAC
Description  Precision Clock Conditioner with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

C0402C101J5GAC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  C0402C101J5GAC Datasheet HTML 1Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 2Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 3Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 4Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 5Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 6Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 7Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 8Page - National Semiconductor (TI) C0402C101J5GAC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
L M K 0 3 0 0 2 C
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
5
Read first, Basic Operation (Continued)
3.
Connect…
PC directly to the evaluation board with the LPT to uWire cable, plugging the cable
into an LPT port on the computer and then the 10 pin ribbon connector to the
evaluation board. This setup is shown below. The cable can be removed after
programming to minimize noise and EMI.
or
Available separately, the USB <--> uWire board to the PC with the USB cable and the
USB <--> uWire board to the evaluation board with the 10 pin ribbon cable.
LPT Setup


Similar Part No. - C0402C101J5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C101J5GAC KEMET-C0402C101J5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0402C101J5GAC7411 KEMET-C0402C101J5GAC7411 Datasheet
59Kb / 1P
   SMD Comm C0G, Ceramic, 100 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C101J5GACAUTO KEMET-C0402C101J5GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 100 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0402C101J5GAC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner with Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com