Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03200 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03200
Description  Family Precision 0-Delay Clock Conditioner with Integrated VCO
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK03200 Datasheet HTML 4Page - Texas Instruments LMK03200 Datasheet HTML 5Page - Texas Instruments LMK03200 Datasheet HTML 6Page - Texas Instruments LMK03200 Datasheet HTML 7Page - Texas Instruments LMK03200 Datasheet HTML 8Page - Texas Instruments LMK03200 Datasheet HTML 9Page - Texas Instruments LMK03200 Datasheet HTML 10Page - Texas Instruments LMK03200 Datasheet HTML 11Page - Texas Instruments LMK03200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
LMK03200
SNAS478B – JULY 2009 – REVISED AUGUST 2009
www.ti.com
Electrical Characteristics
(1) (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; Vboost=0; except as specified. Typical values
represent most likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the
time of product characterization and are not guaranteed).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Distribution Section - LVDS Clock Outputs(11)
CLKoutX_MUX =
Bypass (no
20
RL = 100 Ω
divide or delay)
Distribution Path =
CLKoutX_MUX =
JitterADD
Additive RMS Jitter (11)
765 MHz
fs
Divided (no
Bandwidth =
delay)
75
12 kHz to 20 MHz
CLKoutX_DIV =
4
VOD
Differential Output Voltage
RL = 100 Ω
250
350
450
mV
Change in magnitude of VOD for
ΔVOD
RL = 100 Ω
-50
50
mV
complementary output states
VOS
Output Offset Voltage
RL = 100 Ω
1.070
1.25
1.370
V
Change in magnitude of VOS for
ΔVOS
RL = 100 Ω
-35
35
mV
complementary output states
ISA
Clock Output Short Circuit Current
Single-ended outputs shorted to GND
-24
24
mA
ISB
single-ended
Clock Output Short Circuit Current
ISAB
Complementary outputs tied together
-12
12
mA
differential
Clock Distribution Section (11) - LVPECL Clock Outputs
CLKoutX_MUX =
Bypass (no
20
RL = 100 Ω
divide or delay)
Distribution Path =
CLKoutX_MUX =
JitterADD
Additive RMS Jitter (11)
765 MHz
fs
Divided (no
Bandwidth =
delay)
75
12 kHz to 20 MHz
CLKoutX_DIV =
4
Vcc -
VOH
Output High Voltage
V
0.98
Termination = 50
Ω to Vcc - 2 V
Vcc -
VOL
Output Low Voltage
V
1.8
VOD
Differential Output Voltage
RL = 100 Ω
660
810
965
mV
Digital LVTTL Interfaces (12)
VIH
High-Level Input Voltage
2.0
Vcc
V
VIL
Low-Level Input Voltage
0.8
V
IIH
High-Level Input Current
VIH = Vcc
-5.0
5.0
µA
IIL
Low-Level Input Current
VIL = 0
-40.0
5.0
µA
Vcc -
VOH
High-Level Output Voltage
IOH = +500 µA
V
0.4
VOL
Low-Level Output Voltage
IOL = -500 µA
0.4
V
Digital MICROWIRE Interfaces (13)
VIH
High-Level Input Voltage
1.6
Vcc
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = Vcc
-5.0
5.0
µA
IIL
Low-Level Input Current
VIL = 0
-5.0
5.0
µA
(11) The Clock Distribution Section includes all parts of the device except the PLL and VCO sections. Typical Additive Jitter specifications
apply to the clock distribution section only and this adds in an RMS fashion to the shaped jitter of the PLL and the VCO.
(12) Applies to GOE, LD, and SYNC*.
(13) Applies to CLKuWire, DATAuWire, and LEuWire.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LMK03200


Similar Part No. - LMK03200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03200ISQ NSC-LMK03200ISQ Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200ISQ/NOPB TI1-LMK03200ISQ/NOPB Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03200ISQE NSC-LMK03200ISQE Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
More results

Similar Description - LMK03200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com