Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03200ISQENOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMK03200ISQENOPB
Description  Family Precision 0-Delay Clock Conditioner with Integrated VCO
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03200ISQENOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK03200ISQENOPB Datasheet HTML 3Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 4Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 5Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 6Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 7Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 8Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 9Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 10Page - Texas Instruments LMK03200ISQENOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
LMK03200
www.ti.com
SNAS478B – JULY 2009 – REVISED AUGUST 2009
Electrical Characteristics
(1) (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; Vboost=0; except as specified. Typical values
represent most likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the
time of product characterization and are not guaranteed).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCO
fFout
VCO Tuning Range
LMK03200
1185
1296
MHz
After programming R15 for lock, only
changes 0_DELAY_MODE and PLL_N
Allowable Temperature Drift for Continuous
|
ΔTCL|
for the purpose of enabling 0-delay
125
°C
Lock
mode permitted to guarantee
continuous lock. (7)
Output Power to a 50
Ω load driven by Fout
pFout
LMK03200; TA = 25 °C
3.3
dBm
(8)
KVCO
Fine Tuning Sensitivity (9)
LMK03200
7 to 9
MHz/V
Fout RMS Period Jitter
JRMSFout
LMK03200
800
fs
(12 kHz to 20 MHz bandwidth)
Clock Skew and Delay
Equal loading and identical clock
tSKEWLVDS
CLKoutX to CLKoutY (10)
configuration
-30
±4
30
ps
RL = 100 Ω
Equal loading and identical clock
tSKEWLVPEC
CLKoutX to CLKoutY (10)
configuration
-30
±3
30
ps
L
RL = 100 Ω
0-Delay mode active; PLL_N_DLY = 0;
PLL_R_DLY = 0; FB_MUX = 0
-300
-65
300
(CLKout5)
0-Delay mode active; PLL_N_DLY = 0;
PLL_R_DLY = 0; FB_MUX = 2
-300
35
300
(CLKout6)
td0-DELAY
OSCin to CLKoutX delay (10)
ps
0-Delay mode active; PLL_N_DLY = 0;
PLL_R_DLY = 0; FB_MUX = 1
-700
-400
-100
(FBCLKin)
0-Delay mode active; PLL_N_DLY = 0;
PLL_R_DLY = 3; FB_MUX = 1
-400
35
400
(FBCLKin)
(7)
Allowable Temperature Drift for Continuous Lock is how far the temperature can drift in either direction and stay in lock from the ambient
temperature and programmed state at which the device was when the frequency calibration routine was run. The action of programming
the R15 register, even to the same value, when 0_DELAY_MODE = 0 activates a frequency calibration routine. This implies that the
device will work over the entire frequency range, but if the temperature drifts more than the maximum allowable drift for continuous lock,
then it will be necessary to reprogram the R15 register while 0_DELAY_MODE = 0 to ensure that the device stays in lock. Regardless of
what temperature the device was initially programmed at, the ambient temperature can never drift outside the range of -40 °C
≤ TA ≤ 85
°C without violating specifications. For this specification to be valid, the programmed state of the device must not change after R15 is
programmed except for 0_DELAY_MODE and PLL_N for the purpose of enabling 0-delay mode.
(8)
Output power varies as a function of frequency. When a range is shown, the higher output power applies to the lower frequency and the
lower output power applies to the higher frequency.
(9)
The lower sensitivity indicates the typical sensitivity at the lower end of the tuning range, the higher sensitivity at the higher end of the
tuning range
(10) Specification is guaranteed by characterization and is not tested in production.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMK03200


Similar Part No. - LMK03200ISQENOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03200ISQE NSC-LMK03200ISQE Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200ISQE/NOPB TI1-LMK03200ISQE/NOPB Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
More results

Similar Description - LMK03200ISQENOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com