Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04000 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMK04000
Description  Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04000 Datasheet(HTML) 2 Page - Texas Instruments

  LMK04000_14 Datasheet HTML 1Page - Texas Instruments LMK04000_14 Datasheet HTML 2Page - Texas Instruments LMK04000_14 Datasheet HTML 3Page - Texas Instruments LMK04000_14 Datasheet HTML 4Page - Texas Instruments LMK04000_14 Datasheet HTML 5Page - Texas Instruments LMK04000_14 Datasheet HTML 6Page - Texas Instruments LMK04000_14 Datasheet HTML 7Page - Texas Instruments LMK04000_14 Datasheet HTML 8Page - Texas Instruments LMK04000_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
LMK040xx
Precision Clock
Conditioner
Recovered
³GLUW\´ FORFN RU
clean clock
0XOWLSOH ³FOHDQ´ FORFNV DW
different frequencies
Fout
CLKout4
CLKout2A
CLKout1
CLKout0
DAC
Serializer/
Deserializer
LMX2531
PLL+VCO
ADC
> 1 Gsps
FPGA
CLKin0
Crystal or
VCXO
Backup
Reference
Clock
CLKin1
LMK04000, LMK04001, LMK04002, LMK04010
LMK04011, LMK04031, LMK04033
SNOSAZ8J – SEPTEMBER 2008 – REVISED SEPTEMBER 2011
www.ti.com
Table 1. Device Configuration Information
2VPECL / LVPECL
NSID
PROCESS
LVDS OUTPUTS
LVCMOS OUTPUTS
VCO
OUTPUTS
LMK04000BISQ
BiCMOS
3
4
1185 to 1296 MHz
LMK04001BISQ
BiCMOS
3
4
1430 to 1570 MHz
LMK04002BISQ
BiCMOS
3
4
1600 to 1750 MHz
LMK04010BISQ
BiCMOS
5
1185 to 1296 MHz
LMK04011BISQ
BiCMOS
5
1430 to 1570 MHz
LMK04031BISQ
BiCMOS
2
2
2
1430 to 1570 MHz
LMK04033BISQ
BiCMOS
2
2
2
1840 to 2160 MHz
NSID
CLKout0
CLKout1
CLKout2
CLKout3
CLKout4
LMK04000BISQ
2VPECL / LVPECL
LVCMOS x 2
LVCMOS x 2
2VPECL / LVPECL
2VPECL / LVPECL
LMK04001BISQ
2VPECL / LVPECL
LVCMOS x 2
LVCMOS x 2
2VPECL / LVPECL
2VPECL / LVPECL
LMK04002BISQ
2VPECL / LVPECL
LVCMOS x 2
LVCMOS x 2
2VPECL / LVPECL
2VPECL / LVPECL
LMK04010BISQ
2VPECL / LVPECL
2VPECL / LVPECL
2VPECL / LVPECL
2VPECL / LVPECL
2VPECL / LVPECL
LMK04011BISQ
2VPECL / LVPECL
2VPECL / LVPECL
2VPECL / LVPECL
2VPECL / LVPECL
2VPECL / LVPECL
LMK04031BISQ
LVDS
2VPECL / LVPECL
LVCMOS x 2
2VPECL / LVPECL
LVDS
LMK04033BISQ
LVDS
2VPECL / LVPECL
LVCMOS x 2
2VPECL / LVPECL
LVDS
2
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LMK04000 LMK04001 LMK04002 LMK04010 LMK04011 LMK04031 LMK04033


Similar Part No. - LMK04000_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04000BISQ NSC-LMK04000BISQ Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04000BISQE NSC-LMK04000BISQE Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04000BISQX NSC-LMK04000BISQX Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
More results

Similar Description - LMK04000_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com