Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04000
Description  Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04000 Datasheet(HTML) 5 Page - Texas Instruments

  LMK04000 Datasheet HTML 1Page - Texas Instruments LMK04000 Datasheet HTML 2Page - Texas Instruments LMK04000 Datasheet HTML 3Page - Texas Instruments LMK04000 Datasheet HTML 4Page - Texas Instruments LMK04000 Datasheet HTML 5Page - Texas Instruments LMK04000 Datasheet HTML 6Page - Texas Instruments LMK04000 Datasheet HTML 7Page - Texas Instruments LMK04000 Datasheet HTML 8Page - Texas Instruments LMK04000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
LMK04000, LMK04001, LMK04002, LMK04010
LMK04011, LMK04031, LMK04033
www.ti.com
SNOSAZ8J – SEPTEMBER 2008 – REVISED SEPTEMBER 2011
PIN DESCRIPTIONS (continued)
Pin Number
Name(s)
I/O
Type
Description
19
VCC5
PWR
Power Supply for CLKin buffers and PLL1 R-divider
20
CLKin0
I
ANLG
Reference Clock Input Port for PLL1 - AC or DC
Coupled (1)
21
CLKin0*
I
ANLG
Reference Clock Input Port for PLL1 (complimentary) -
AC or DC Coupled (1)
22
VCC6
PWR
Power Supply for PLL1 Phase Detector and Charge
Pump
23
CPout1
O
ANLG
Charge Pump1 Output
24
VCC7
PWR
Power Supply for PLL1 N-Divider
25
CLKin1
I
ANLG
Reference Clock Input Port for PLL1 - AC or DC
Coupled (1)
26
CLKin1*
I
ANLG
Reference Clock Input Port for PLL1 (complimentary) -
AC or DC Coupled (1)
27
SYNC*
I
CMOS
Global Clock Output Synchronization
28
OSCin
I
ANLG
Reference oscillator Input for PLL2 - AC Coupled
29
OSCin*
I
ANLG
Reference oscillator Input for PLL2 - AC Coupled
30
VCC8
PWR
Power Supply for OSCin Buffer and PLL2 R-Divider
31
VCC9
PWR
Power Supply for PLL2 Phase Detector and Charge
Pump
32
CPout2
O
ANLG
Charge Pump2 Output
33
VCC10
PWR
Power Supply for VCO Divider and PLL2 N-Divider
34
CLKin0_LOS
O
LVCMOS
Status of CLKin0 reference clock input
35
CLKin1_LOS
O
LVCMOS
Status of CLKin1 reference clock input
36
Bias
I
ANLG
Bias Bypass. AC coupled with 1 µF capacitor to Vcc1
37
VCC11
PWR
Power Supply for CLKout1
38
CLKout1
O
LVPECL/LVCMOS
Clock Channel 1 Output
39
CLKout1*
O
LVPECL/LVCMOS
Clock Channel 1* Output
40
VCC12
PWR
Power Supply for CLKout2
41
CLKout2
O
LVPECL/LVCMOS
Clock Channel 2 Output
42
CLKout2*
O
LVPECL/LVCMOS
Clock Channel 2* Output
43
VCC13
PWR
Power Supply for CLKout3
44
CLKout3
O
LVPECL
Clock Channel 3 Output
45
CLKout3*
O
LVPECL
Clock Channel 3* Output
46
VCC14
PWR
Power Supply for CLKout4
47
CLKout4
O
LVDS/LVPECL
Clock Channel 4 Output
48
CLKout4*
O
LVDS/LVPECL
Clock Channel 4* Output
DAP
DAP
DIE ATTACH PAD, connect to GND
(1)
The reference clock inputs may be either AC or DC coupled.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMK04000 LMK04001 LMK04002 LMK04010 LMK04011 LMK04031 LMK04033


Similar Part No. - LMK04000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04000BISQ NSC-LMK04000BISQ Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04000BISQE NSC-LMK04000BISQE Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04000BISQX NSC-LMK04000BISQX Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
More results

Similar Description - LMK04000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com