Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4C1233D5PZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TM4C1233D5PZ
Description  Tiva C Series ARM Cortex-M Microcontrollers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4C1233D5PZ Datasheet(HTML) 1 Page - Texas Instruments

  TM4C1233D5PZ Datasheet HTML 1Page - Texas Instruments TM4C1233D5PZ Datasheet HTML 2Page - Texas Instruments TM4C1233D5PZ Datasheet HTML 3Page - Texas Instruments TM4C1233D5PZ Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Bulletin
Overview
The Tiva C Series microcontrollers
provide a broad portfolio of floating-
point enabled ARM Cortex-M4F
MCUs. Designers who migrate to the
Tiva C Series MCUs benefit from a
balance between the performance
needed to create highly responsive
mixed-signal applications and the
low power architecture required to
address increasingly aggressive
power budgets. Tiva C Series MCUs
are supported by TivaWare™ for
C Series, designed specifically for
those customers who want to get
started easily, write production-ready
code quickly, and minimize their
overall cost of software ownership.
Key Features
Performance:
• ARMCortex-M4Fcoreup
to 80 MHz
Power:
• Activepoweraslowas
375 µA/MHz
• Low-powermodesdownto
1.6 µA
Integration:
• Upto40PWMoutputs,
2 QEIs
• Upto24timers
• 12-bitADCsupto1MSPS
• Upto20serialports-
UART, I2C, SPI/SSI
• CANA/B,USB2.0OTG/H/D
Applications
• Securityandaccesscontrol
• Homeandbuildingautomation
• Industrialautomation
• Humanmachineinterface
• Lightingcontrol
• Systemmanagement
DDR Memory Products and TI DDR Power Solutions
TivaC Series ARM®
Cortex-M Microcontrollers
ARM®
CortexM4F
80 MHz
Analog
TM4C123x series MCUs
JTAG
MPU
NVIC
ETM
SWD/T
FPU
256 KB
Flash
32 KB
SRAM
LDO Voltage
Regulator
System
Clocks, Reset
System Control
Systick Timer
2 Watchdog Timers
GPIOs
32ch DMA
Precision Oscillator
Battery-Backed
Hibemate
12 Timer/PWM/CCP
6 each 32-bit or 2x16-bit
6 each 64-bit or 2x32-bit
Serial Interfaces
Motion Control
8 UARTs
2 Quadrature
Encoder Inputs
16 PWM Outputs
Timer
Comparators
Dead-Band
Generator
PWM
Generator
PWM
Generator
4SSI/SPI
2 CAN
6 I2C
USB Full Speed
Host/Device/OTG
3 Analog
Comparators
2x12-bit ADC
Up to 24 Channel
1MSPS
Temp Sensor
ROM
2KB EEPROM
R
T
C
www.ti.com/tiva


Similar Part No. - TM4C1233D5PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4C1233D5PZ TI1-TM4C1233D5PZ Datasheet
7Mb / 1242P
[Old version datasheet]   Tiva Microcontroller
TM4C1233D5PZ TI-TM4C1233D5PZ Datasheet
7Mb / 1243P
[Old version datasheet]   Tiva??TM4C1233D5PZ Microcontroller
TM4C1233D5PZI TI-TM4C1233D5PZI Datasheet
7Mb / 1243P
[Old version datasheet]   Tiva??TM4C1233D5PZ Microcontroller
TM4C1233D5PZI7R TI1-TM4C1233D5PZI7R Datasheet
7Mb / 1242P
[Old version datasheet]   Tiva Microcontroller
TM4C1233D5PZI7R TI-TM4C1233D5PZI7R Datasheet
7Mb / 1243P
[Old version datasheet]   Tiva??TM4C1233D5PZ Microcontroller
More results

Similar Description - TM4C1233D5PZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC131LC2AE ETC2-NUC131LC2AE Datasheet
2Mb / 77P
   ARM Cortex
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
   Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
   Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
List of Unclassifed Man...
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
logo
ATMEL Corporation
AT91M63200 ATMEL-AT91M63200 Datasheet
244Kb / 12P
   ARM Thumb Microcontrollers
AT91M43300 ATMEL-AT91M43300 Datasheet
156Kb / 9P
   ARM Thumb Microcontrollers
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
   ARM Cortex-M4F 192MHz
logo
ATMEL Corporation
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
   ARM Thumb Microcontrollers
AT91F40816 ATMEL-AT91F40816 Datasheet
248Kb / 22P
   ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com