Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBH3-54-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBH3-54-HF
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBH3-54-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBH3-54-HF Datasheet HTML 1Page - Comchip Technology CDBH3-54-HF Datasheet HTML 2Page - Comchip Technology CDBH3-54-HF Datasheet HTML 3Page - Comchip Technology CDBH3-54-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Schottky Diodes
Page 3
Rev.A
QW-JA002
Reel Taping Specification
P1
P0
D1
D2
W1
P
D
A
W
T
C
B
C
d
D
D2
D1
SOT-523
SYMBOL
(mm)
(inch)
2.142 ± 0.039
4.00 ± 0.10
1.50 ± 0.10
54.40 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 ± 0.10
178 ± 2.00
0.059 ± 0.004
7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
SOT-523
1.85 ± 0.05
0.073 ± 0.002
1.85 ± 0.05
0.073 ± 0.002
0.875 ± 0.05
0.034 ± 0.002
12.30 ± 1.00
0.484 ± 0.039
8.00 + 0.30 /–0.10
0.315 + 0.012 /–0.004
A


Similar Part No. - CDBH3-54-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBH3-54-HF COMCHIP-CDBH3-54-HF Datasheet
316Kb / 4P
   Small Signal Schottky Diodes
More results

Similar Description - CDBH3-54-HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com