Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2030CT-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SR2030CT-G
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR2030CT-G Datasheet(HTML) 1 Page - Comchip Technology

  SR2030CT-G Datasheet HTML 1Page - Comchip Technology SR2030CT-G Datasheet HTML 2Page - Comchip Technology SR2030CT-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QW-BB056
Page 1
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
NOTES:
1. 300us pulse width,2% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Voltage: 30 to 150 V
Current: 20.0 A
RoHS Device
SR2030CT-G Thru. SR20150CT-G
Dimensions in inches and (millimeter)
TO-220AB
Comchip Technology CO., LTD.
(3.50)
0.138
0.055(1.40)
0.047(1.20)
0.173(4.40)
0.187(4.80)
0.531(13.50)
0.583(14.80)
0.610(15.50)
0.583(14.80)
0.177
(4.5)
0.230(5.80)
0.270(6.90)
0.153(3.90)
0.146(3.70)
0.347( 9.50)
0.413(10.50)
0.024(0.60)
0.012(0.30)
0.057(1.45)
0.043(1.10)
0.032(0.80)
0.102(2.60)
0.091(2.30)
Parameter
Symbol
Unit
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current ( See Fig.1 )
@ Tc= 95°C
Peak forward surage current ,8.3ms single
half sine-wave super imposed on rated load
(JEDEC method)
Operating temperature range
Storage temperature range
30
21
30
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ
TSTG
200
-55 to +150
-55 to +150
V
V
V
A
A
V
mA
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
150
105
150
20.0
Maximum DC Reverse Current
at Rate DC Blocking Voltage
SR
2030CT-G
SR
2040CT-G
SR
2050CT-G
SR
2060CT-G
SR
2080CT-G
SR
20100CT-G
SR
20150CT-G
Peak forward voltage at 10.0A DC (Note 1)
0.70
0.85
0.95
@ TJ= 25°C
@ TJ= 100°C
1.0
50
Typical junction capacitance (Note2)
CJ
600
pF
Typical thermal resistance (Note3)
RθJC
2.0
°C/W
°C
°C
3. Thermal resistance junction to case.
Schottky Barrier Rectifiers
Features
-Metal of silicon rectifier, majority carrier conduction.
Mechanical Data
-Guard ring for transient protection.
-Low power loss, high efficiency.
-Epoxy: UL 94-V0 rate flame retardant.
-Mounting position: Any
-Case: TO-220AB, molded plastic
-Weight: 2.24 grams
-
low VF.
High current capability,
-High surge capacity.
-For use in low voltage, high frequency inverters,
free wheeling,and polarity protection applications.
-Polarity: As marked on the body.
0.55
0.135(3.44)
0.103(2.62)
MAX
0.045(1.14)
MAX
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - SR2030CT-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SR2030CT-G COMCHIP-SR2030CT-G Datasheet
71Kb / 3P
   Schottky Barrier Rectifiers
More results

Similar Description - SR2030CT-G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com