Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3256 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC3256
Description  Ultra Low Power Stereo Audio Codec With Embedded miniDSP
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3256 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC3256_14 Datasheet HTML 1Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 2Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 3Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 4Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 5Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 6Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 7Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 8Page - Texas Instruments TLV320AIC3256_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TLV320AIC3256
SLOS630A – DECEMBER 2010 – REVISED DECEMBER 2010
www.ti.com
Table 2. TERMINAL FUNCTIONS
5x5mm
WCSP
40-PIN QFN
(YZF)
NAME
TYPE
DESCRIPTION
(RSB) PIN
BALL NO.
NO.
(Preview)
1
B2
DVss
GND
Digital ground. Device substrate.(1)
2
A1
DVss
GND
Digital ground(1)
3
C5
RESET
I
Hardware reset
4
B3
GPIO
I/O
Primary
General purpose digital IO
MFP5
Secondary
CLKOUT output
INT1 output
INT2 output
Audio serial data bus ADC word clock output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
Digital microphone clock output
5
A2
MCLK
I
Master clock input
6
B4
BCLK
I/O
Audio serial data bus (primary) bit clock
7
A3
WCLK
I/O
Audio serial data bus (primary) word clock
8
A5
DIN
I
Primary function
Audio serial data bus data input
MFP1
Secondary function
Audio serial data bus (secondary) bit clock input
Audio serial data bus (secondary) word clock input
Digital Microphone Input
Clock Input
General Purpose Input
9
A4
DOUT
O
Primary
Audio serial data bus data output
MFP2
Secondary
General purpose output
Clock output
INT1 output
INT2 output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
10
A6
IOVdd
PWR
Supply for IO buffers. 1.1V to 3.6V
11
B5
IOVss
GND
Ground for IO buffers.
12
C4
SCLK
I
Primary (SPI_Select = 1)
SPI serial clock
MFP3
Secondary: (SPI_Select = 0)
Digital microphone input
Audio serial data bus (secondary) bit clock input
Audio serial data bus (secondary) DAC/common word clock input
Audio serial data bus (secondary) ADC word clock input
Audio serial data bus (secondary) data input
General purpose input
13
B6
SCL
I
I2C interface serial clock (SPI_Select = 0)
SS
SPI interface mode chip-select signal (SPI_Select = 1)
14
C3
SDA
I/O
I2C interface mode serial data input (SPI_Select = 0)
MOSI
SPI interface mode serial data input (SPI_Select = 1)
15
D4
MISO
O
Primary (SPI_Select = 1)
(1)
The DVss pins are not connected within the device: Must be connected on the PC board.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3256


Similar Part No. - TLV320AIC3256_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC3256_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com