Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESAC83M-004 Datasheet(PDF) 1 Page - Fuji Electric

Part # ESAC83M-004
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAC83M-004 Datasheet(HTML) 1 Page - Fuji Electric

  ESAC83M-004 Datasheet HTML 1Page - Fuji Electric ESAC83M-004 Datasheet HTML 2Page - Fuji Electric ESAC83M-004 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. Gate
2. Drain
3. Source
15.5
5.45
5.45
5.5
3.2
1.6
3.5
1.1
2.1
0.6
±0.3
±0.3
±0.2
±0.2
±0.2
±0.3
±0.3
+0.2
+0.3
+0.2
—0.1
±0.2
ø3.2
ESAC83M-004 (20A)
(40V / 20A )
Features
Insulated package by fully molding
Low VF
Super high speed switching
High reliability by planer design
Applications
High speed power switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
Io
IFSM
Tj
Tstg
Conditions
Sine wave
10ms
120
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Thermal resistance
Symbol
VFM
IRRM
Rth(j-c)
Conditions
IFM=8A
VR=VRRM
Junction to case
Max.
0.55
15
2.5
Unit
V
mA
°C/W
tw=500ns, duty=1/40
Square wave, duty=1/2
Tc=79°C
Rating
40
48
20*
SCHOTTKY BARRIER DIODE
Outline drawings, mm
Connection diagram
JEDEC
EIAJ
1
3
2
* Average forward current of centertap full wave connection


Similar Part No. - ESAC83M-004

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAC83M-004R FUJI-ESAC83M-004R Datasheet
92Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - ESAC83M-004

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com