Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3101 Datasheet(PDF) 75 Page - Texas Instruments

Part # TLV320DAC3101
Description  Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3101 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TLV320DAC3101_14 Datasheet HTML 71Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 72Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 73Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 74Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 75Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 76Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 77Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 78Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 101 page
background image
TLV320DAC3101
www.ti.com
SLAS666A – JANUARY 2010 – REVISED MAY 2012
Page 0 / Register 68 (0x44): DRC Control 1
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7
R/W
0
Reserved. Write only the reset value to these bits.
D6
R/W
0
0: DRC disabled for left channel
1: DRC enabled for left channel
D5
R/W
0
0: DRC disabled for right channel
1: DRC enabled for right channel
D4–D2
R/W
011
000: DRC threshold = –3 dB
001: DRC threshold = –6 dB
010: DRC threshold = –9 dB
011: DRC threshold = –12 dB
100: DRC threshold = –15 dB
101: DRC threshold = –18 dB
110: DRC threshold = –21 dB
111: DRC threshold = –24 dB
D1–D0
R/W
11
00: DRC hysteresis = 0 dB
01: DRC hysteresis = 1 dB
10: DRC hysteresis = 2 dB
11: DRC hysteresis = 3 dB
Page 0 / Register 69 (0x45): DRC Control 2
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D
R
0
Reserved. Write only the reset value to these bits.
D6–D3
R/W
0111
DRC Hold Programmability
0000: DRC hold disabled
0001:DRC hold time = 32 DAC word clocks
0010: DRC hold time = 64 DAC word clocks
0011: DRC hold time = 128 DAC word clocks
0100: DRC hold time = 256 DAC word clocks
0101: DRC hold time = 512 DAC word clocks
...
1110: DRC hold time = 4 × 32,768 DAC word clocks
1111: DRC hold time = 5 × 32,768 DAC word clocks
D2–D0
R
000
Reserved. Write only the reset value to these bits.
Page 0 / Register 70 (0x46): DRC Control 3
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D4
R/W
0000
0000: DRC attack rate = 4 dB per DAC word clock
0001: DRC attack rate = 2 dB per DAC word clock
0010: DRC attack rate = 1 dB per DAC word clock
...
1110: DRC attack rate = 2.4414e–5 dB per DAC word clock
1111: DRC attack rate = 1.2207e–5 dB per DAC word clock
D3–D0
R/W
0000
0000: DRC decay rate = 1.5625e–2 dB per DAC word clock
0001: DRC decay rate = 7.8125e–3 dB per DAC word clock
0010: DRC decay rate = 3.9062e–3 dB per DAC word clock
...
1110: DRC decay rate = 9.5367e–7 dB per DAC word clock
1111: DRC decay rate = 4.7683e–7 dB per DAC word clock
Copyright © 2010–2012, Texas Instruments Incorporated
REGISTER MAP
75
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3101


Similar Part No. - TLV320DAC3101_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3101_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com