Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3E001 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3E001
Description  LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3E001 Datasheet(HTML) 1 Page - Texas Instruments

  TPD3E001 Datasheet HTML 1Page - Texas Instruments TPD3E001 Datasheet HTML 2Page - Texas Instruments TPD3E001 Datasheet HTML 3Page - Texas Instruments TPD3E001 Datasheet HTML 4Page - Texas Instruments TPD3E001 Datasheet HTML 5Page - Texas Instruments TPD3E001 Datasheet HTML 6Page - Texas Instruments TPD3E001 Datasheet HTML 7Page - Texas Instruments TPD3E001 Datasheet HTML 8Page - Texas Instruments TPD3E001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
DRY PACKAGE
(TOP VIEW)
DRL PACKAGE
(TOP VIEW)
QFNPACKAGE
(TOP VIEW)
V
CC
IO1
GND
IO2
IO1
GND
IO2
IO3
N.C.
3
4
2
6
5
1
3
4
2
IO3
5
1
V
CC
IO3
VCC
N.C.
GND
IO2
IO1 1
2
3
4
5
6
GND
N.C.-Notinternallyconnected
TPD3E001
LOW-CAPACITANCE 3-CHANNEL
±15-kV ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLLS683D – JULY 2006 – REVISED APRIL 2007
• USB 2.0
• ESD Protection Exceeds
• Ethernet
±15-kV Human-Body Model (HBM)
• FireWire™
±8-kV IEC 61000-4-2 Contact Discharge
• Video
±15-kV IEC 61000-4-2 Air-Gap Discharge
• Cell Phones
• Low 1.5-pF Input Capacitance
• SVGA Video Connections
• Low 1-nA (Max) Leakage Current
• Glucosemeters
• Low 1-nA Supply Current
• 0.9-V to 5.5-V Supply-Voltage Range
• 3-Channel Device
• Space-Saving DRL, DRY, and QFN Package
Options
• Alternate 2-, 4-, and 6-Channel Options
Available: TPD2E001, TPD4E001, and
TPD6E001
The TPD3E001 is a low-capacitance
±15-kV ESD-protection diode array designed to protect sensitive
electronics attached to communication lines. Each channel consists of a pair of diodes that steer ESD current
pulses to VCC or GND. The TPD3E001 protects against ESD pulses up to ±15-kV Human-Body Model (HBM),
±8-kV Contact Discharge, and ±15-kV Air-Gap Discharge, as specified in IEC 61000-4-2. This device has a
1.5-pF capacitance per channel, making it ideal for use in high-speed data IO interfaces.
The TPD3E001 is a triple-ESD structure designed for USB On-the-Go (OTG) and video applications.
The TPD3E001 is available in DRL, DRY, and thin QFN packages and is specified for –40
°C to 85°C operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
1.6
× 1.6 SOP – DRL
TPD3E001DRLR
2BR
–40
°C to 85°C
1.45
× 1 SON – DRY
TPD3E001DRYR
2B
3
× 3 QFN – DRS
TPD3E001DRSR
ZWL
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FireWire is a trademark of Apple Computer, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD3E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLR TI-TPD3E001DRLR Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLR TI-TPD3E001DRLR Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLR TI1-TPD3E001DRLR Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD3E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001_10 Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_2 Datasheet
1Mb / 19P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_09 Datasheet
663Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com