Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1CHG103 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECA1CHG103
Description  Aluminum Electrolytic Capacitors/ NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1CHG103 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECA1CHG103 Datasheet HTML 1Page - Panasonic Semiconductor ECA1CHG103 Datasheet HTML 2Page - Panasonic Semiconductor ECA1CHG103 Datasheet HTML 3Page - Panasonic Semiconductor ECA1CHG103 Datasheet HTML 4Page - Panasonic Semiconductor ECA1CHG103 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ NHG
– EEE-101 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
50
0.1
5
11
1.1
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG0R1( )
✽✽✽ 200
2000
0.22
5
11
2.3
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHGR22( )
✽✽✽ 200
2000
0.33
5
11
3.5
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHGR33( )
✽✽✽ 200
2000
0.47
5
11
5
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHGR47( )
✽✽✽ 200
2000
1
5
11
10
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG010( )
✽✽✽
200
2000
2.2
5
11
18
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG2R2( )
200
2000
3.3
5
11
22
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG3R3( )
200
2000
4.7
5
11
26
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG4R7( )
200
2000
10
5
11
39
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG100( )
200
2000
22
5
11
65
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG220( )
200
2000
33
5
11
90
0.12
1000
0.5
2.0
5.0
2.5
ECA1HHG330( )
200
2000
47
6.3
11.2
110
0.12
1000
0.5
2.5
5.0
2.5
ECA1HHG470( )
200
2000
100
8
11.5
180
0.12
1000
0.6
3.5
5.0
ECA1HHG101( )
200
1000
220
10
12.5
300
0.12
2000
0.6
5.0
5.0
ECA1HHG221( )
200
500
330
10
16
410
0.12
2000
0.6
5.0
5.0
ECA1HHG331( )
200
500
470
10
20
530
0.12
2000
0.6
5.0
5.0
ECA1HHG471( )
200
500
1000
12.5
25
950
0.12
2000
0.6
5.0
5.0
ECA1HHG102( )
200
500
2200
16
31.5
1470
0.14
2000
0.8
7.5
ECA1HHG222
100
3300
18
35.5
1770
0.16
2000
0.8
7.5
ECA1HHG332
50
63
10
5
11
46
0.10
1000
0.5
2.0
5.0
2.5
ECA1JHG100( )
200
2000
22
5
11
71
0.10
1000
0.5
2.0
5.0
2.5
ECA1JHG220( )
200
2000
33
6.3
11.2
100
0.10
1000
0.5
2.5
5.0
2.5
ECA1JHG330( )
200
2000
47
6.3
11.2
120
0.10
1000
0.5
2.5
5.0
2.5
ECA1JHG470( )
200
2000
100
10
12.5
215
0.10
2000
0.6
5.0
5.0
ECA1JHG101( )
200
500
220
10
16
335
0.10
2000
0.6
5.0
5.0
ECA1JHG221( )
200
500
330
10
20
510
0.10
2000
0.6
5.0
5.0
ECA1JHG331( )
200
500
470
12.5
20
640
0.10
2000
0.6
5.0
5.0
ECA1JHG471( )
200
500
1000
16
25
930
0.10
2000
0.8
7.5
7.5
ECA1JHG102( )
100
250
2200
18
35.5
1610
0.12
2000
0.8
7.5
ECA1JHG222
50
100
0.47
5
11
9
0.08
1000
0.5
2.0
5.0
2.5
ECA2AHGR47( )
✽✽✽ 200
2000
1
5
11
14
0.08
1000
0.5
2.0
5.0
2.5
ECA2AHG010( )
✽✽✽ 200
2000
2.2
5
11
21
0.08
1000
0.5
2.0
5.0
2.5
ECA2AHG2R2( )
200
2000
3.3
5
11
31
0.08
1000
0.5
2.0
5.0
2.5
ECA2AHG3R3( )
200
2000
4.7
5
11
38
0.08
1000
0.5
2.0
5.0
2.5
ECA2AHG4R7( )
200
2000
10
6.3
11.2
54
0.08
1000
0.5
2.5
5.0
2.5
ECA2AHG100( )
200
2000
22
6.3
11.2
93
0.08
1000
0.5
2.5
5.0
2.5
ECA2AHG220( )
200
2000
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
02 May. 2014


Similar Part No. - ECA1CHG103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1CHG103 PANASONIC-ECA1CHG103 Datasheet
317Kb / 5P
   Radial Lead Type
ECA1CHG103 PANASONIC-ECA1CHG103 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1CHG103 PANASONIC-ECA1CHG103 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1CHG103 PANASONIC-ECA1CHG103 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA1CHG103 PANASONIC-ECA1CHG103 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results

Similar Description - ECA1CHG103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com