Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N138
Description  Low Input Current, High Gain Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N138 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N138 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Switching Specifications (AC)
Over recommended operating conditions (TA = 0 to 70°C), VCC = 5 V, unless otherwise specified.
Parameter
Sym.
Device
Min.
Typ.**
Max.
Units
Test Conditions
Fig.
Note
TA =25°C
Propagation
tPHL
6N139
5
25*
30
s
IF = 0.5 mA,
5, 6,
2, 4
Delay Time
HCPL-0701
Rl = 4.7 k
7, 9,
to Logic Low
HCNW139
12
6N139
0.2
1*
2
s
IF = 12 mA,
HCPL-0701
Rl = 270
HCNW139
11
6N138
1.6
10*
15
s
IF = 1.6 mA,
HCPL-0700
Rl = 2.2 k
HCNW138
11
Propagation
tPLH
6N139
18
60*
90
s
IF = 0.5 mA,
5, 6,
2, 4
Delay Time
HCPL-0701
Rl = 4.7 k
7, 9,
to Logic High
HCNW139
115
12
6N139
2
7*
10
s
IF = 12 mA,
HCPL-0701
Rl = 270
HCNW139
11
6N138
10
35*
50
s
IF = 1.6 mA,
HCPL-0700
Rl = 2.2 k
HCNW138
70
Common Mode
|CMH|
1000
10000
V/
s
IF = 0 mA,
13
5, 6
Transient
TA = 25°C
Immunity at
Rl = 2.2 k
Logic High
|VCM| = 10
Output
Vp-p
Common Mode
|CML|
1000
10000
V/
s
IF = 1.6 mA,
13
5, 6
Transient
TA = 25°C
Immunity at
Rl = 2.2 k
Logic Low
|VCM| = 10
Output
Vp-p
* JEDEC Registered Data for 6N139 and 6N138.
**All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.
at Output
at Output


Similar Part No. - 6N138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
6N138 TOSHIBA-6N138 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
More results

Similar Description - 6N138

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com