Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25570 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ25570
Description  Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25570 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25570_14 Datasheet HTML 1Page - Texas Instruments BQ25570_14 Datasheet HTML 2Page - Texas Instruments BQ25570_14 Datasheet HTML 3Page - Texas Instruments BQ25570_14 Datasheet HTML 4Page - Texas Instruments BQ25570_14 Datasheet HTML 5Page - Texas Instruments BQ25570_14 Datasheet HTML 6Page - Texas Instruments BQ25570_14 Datasheet HTML 7Page - Texas Instruments BQ25570_14 Datasheet HTML 8Page - Texas Instruments BQ25570_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
bq25570
www.ti.com
SLUSBH2C – MARCH 2013 – REVISED JANUARY 2014
Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered
Buck Converter
Check for Samples: bq25570
1
FEATURES
Ultra Low Power DC/DC Boost Charger
Programmable Step Down Regulated Output
(Buck)
Cold-start Voltage: VIN
≥ 330 mV
High Efficiency up to 93%
Continuous Energy Harvesting From VIN as
low as 100 mV
Supports Peak Output Current up to 110
mA (typical)
Input Voltage Regulation Prevents
Collapsing High Impedance Input Sources
Programmable Maximum Power Point Tracking
(MPPT)
Full Operating Quiescent Current of 488 nA
(typical)
Provides Optimal Energy Extraction From a
Variety of Energy Harvesters including
Ship Mode with < 5 nA From Battery
Solar Panels, Thermal and Piezo Electric
Energy Storage
Generators
Energy can be Stored to Re-chargeable Li-
ion Batteries, Thin-film Batteries, Super-
APPLICATIONS
capacitors, or Conventional Capacitors
Energy Harvesting
Battery Charging and Protection
Solar Charger
Internally Set Undervoltage Level
Thermal Electric Generator (TEG) Harvesting
User Programmable Overvoltage Levels
Wireless Sensor Networks (WSN)
Battery Good Output Flag
Low Power Wireless Monitoring
Programmable Threshold and Hysteresis
Environmental Monitoring
Warn Attached Microcontrollers of Pending
Bridge and Structural Health Monitoring (SHM)
Loss of Power
Smart Building Controls
Can be Used to Enable or Disable System
Portable and Wearable Health Devices
Loads
Entertainment System Remote Controls
DESCRIPTION
The bq25570 is a highly integrated energy harvesting Nano-Power management solution that is well suited for
meeting the special needs of ultra low power applications. The product is specifically designed to efficiently
acquire and manage the microwatts (µW) to milliwatts (mW) of power generated from a variety of DC sources
like photovoltaic (solar) or thermal electric generators. The bq25570 is the first device of its kind to implement a
highly efficient boost charger with a nano-powered buck converter targeted toward products and systems, such
as wireless sensor networks (WSN) which have stringent power and operational demands. The design of the
bq25570 starts with a dc/dc boost converter/charger that requires only microwatts of power to begin operating.
Once started, the boost charger can effectively extract power from low voltage output harvesters such as
thermoelectric generators (TEGs) or single or dual cell solar panels. The boost charger can be started with VIN
as low as 330 mV, and once started, can continue to harvest energy down to VIN = 100 mV.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ25570_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570RGRT TI1-BQ25570RGRT Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25570RGRT TI1-BQ25570RGRT Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
More results

Similar Description - BQ25570_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25570 TI1-BQ25570 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25504 TI-BQ25504 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Low Power Boost Converter with Battery Management for Energy Harvester Applications
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
   Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
logo
Shenzhen Huazhimei Semi...
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
   Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
HM4095 HMSEMI-HM4095 Datasheet
1Mb / 8P
   Buck-Boost Charge Management IC
HM5910 HMSEMI-HM5910 Datasheet
1Mb / 7P
   Low power PMU with 16V linear charger and 5V boost converter
logo
STMicroelectronics
SPV1050 STMICROELECTRONICS-SPV1050 Datasheet
1Mb / 36P
   Ultralow power energy harvester and battery charger
August 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com