Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27530-G1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27530-G1
Description  Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27530-G1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ27530-G1 Datasheet HTML 1Page - Texas Instruments BQ27530-G1 Datasheet HTML 2Page - Texas Instruments BQ27530-G1 Datasheet HTML 3Page - Texas Instruments BQ27530-G1 Datasheet HTML 4Page - Texas Instruments BQ27530-G1 Datasheet HTML 5Page - Texas Instruments BQ27530-G1 Datasheet HTML 6Page - Texas Instruments BQ27530-G1 Datasheet HTML 7Page - Texas Instruments BQ27530-G1 Datasheet HTML 8Page - Texas Instruments BQ27530-G1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
bq27530-G1
www.ti.com
SLUSAL5 – DECEMBER 2012
Battery Management Unit Impedance Track™ Fuel Gauge for Use With the bq2416x
Charger Controller
Check for Samples: bq27530-G1
1
FEATURES
Run Time Improvements
Longer battery runtime leveraging
23
Battery Fuel Gauge and Charger Controller for
Impedance Track technoloogy
1-Series Li-Ion Applications
Tighter accuracy controls for charger
Resides on System Main Board
termination
Battery Fuel Gauge Based on Patented
Improved recharged thresholds
Impedance Track™ Technology
Intelligent Charging - Customized and adaptive
Models the Battery Discharge Curve for
charging profiles
Accurate Time-to-Empty Predictions
Charger Control based on SoH
Automatically Adjusts for Battery Aging,
Battery Self-Discharge, and
Temperature Level Charging (TLC)
Temperature/Rate Inefficiencies
Battery Charger Controller for bq2416x Single
Low-Value Sense Resistor (5 m
Ω to 20 mΩ)
Cell Switchmode Battery Charger
Battery Charger Controller with customizable
Stand-Alone Charging Solution
charge profiles
400-kHz I2C™ Interface for Connection to
Configurable Charge Voltage and Current
System Microcontroller Port
based on Temperature
In a 15-Pin NanoFree™ (CSP) Packaging
Optional State of Health (SoH) and Multi-
level based charge profiles
APPLICATIONS
Host Free Autonomous Battery Management
Smartphones, Feature phones and Tablets
System
Digital Still and Video Cameras
Reduced software overhead allows for easy
Handheld Terminals
portability across platforms and shorter
MP3 or Multimedia Players
OEM design cycles
Higher safety and security
DESCRIPTION
The Texas Instruments bq27530-G1 system-side Li-Ion Battery Management Unit is a microcontroller peripheral
that provides Impedance Track™ fuel gauging and charging control for single-cell Li-Ion battery packs. The
device requires little system microcontroller firmware development. Together with bq2416x Single Cell
Switchmode Charger, the bq27530-G1 manages an embedded battery (non-removable) or a removable battery
pack.
The bq27530-G1 uses the patented Impedance Track™ algorithm for fuel gauging, and provides information
such as remaining battery capacity (mAh), state-of-charge (%), run-time to empty (min), battery voltage (mV),
temperature (°C) and state of health (%).
Battery fuel gauging with the bq27530-G1 requires only PACK+ (P+), PACK– (P–), and Thermistor (T)
connections to a removable battery pack or embedded battery circuit. The CSP option is a 15-ball package in the
dimensions of 2,61 mm × 1,96 mm with 0,5 mm lead pitch. It is ideal for space constrained applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track, NanoFree are trademarks of Texas Instruments.
3
I2C is a trademark of NXP B.V. Corp Netherlands.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ27530-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results

Similar Description - BQ27530-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com