Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK10054N3-T Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK10054N3-T
Description  MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK10054N3-T Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  HK10054N3-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc HK10054N3-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
72
PARTS NUMBER
HK 0402
100 300 500 800 1000
(min.)
HK 0402 1N0[]-T
RoHS
1.0
±0.3nH
3
100
4
7
9
12
14
10000
> 13500
0.20 ±0.02
HK 0402 1N2[]-T
RoHS
1.2
±0.3nH
3
100
4
7
9
12
14
10000
> 13500
0.20 ±0.02
HK 0402 1N5[]-T
RoHS
1.5
±0.3nH
3
100
4
7
9
11
12
10000
> 13500
0.20 ±0.02
HK 0402 1N8[]-T
RoHS
1.8
±0.3nH
3
100
4
7
9
11
12
10000
13100
0.20 ±0.02
HK 0402 2N2[]-T
RoHS
2.2
±0.3nH
3
100
4
7
9
11
12
9800
11300
0.20 ±0.02
HK 0402 2N7[]-T
RoHS
2.7
±0.3nH
3
100
4
7
9
11
12
8800
10300
0.20 ±0.02
HK 0402 3N3[]-T
RoHS
3.3
±0.3nH
3
100
4
7
9
11
12
7300
8800
0.20 ±0.02
HK 0402 3N9[]-T
RoHS
3.9
±0.3nH
3
100
4
7
9
11
12
6800
8300
0.20 ±0.02
HK 0402 4N7[]-T
RoHS
4.7
±0.3nH
3
100
4
6
8
10
11
6400
7900
0.20 ±0.02
HK 0402 5N6[]-T
RoHS
5.6
±0.3nH
3
100
4
6
8
10
11
5100
6600
0.20 ±0.02
HK 0402 6N8[]-T
RoHS
6.8
±5%
3
100
4
6
8
10
11
4400
5900
0.20 ±0.02
HK 0402 8N2[]-T
RoHS
8.2
±5%
3
100
4
6
8
10
11
4100
5600
0.20 ±0.02
HK 0402 10N[]-T
RoHS
10
±5%
3
100
4
6
8
10
11
3400
4900
0.20 ±0.02
HK 0402 12N[]-T
RoHS
12
±5%
3
100
4
6
8
10
11
2900
4400
0.20 ±0.02
※ [] mark indicates the Inductance tolerance code.
HK 0603
100 300 500 800 1000
(min.)
(max.) (typ.)
HK 0603 1N0[]-T
RoHS
1.0
±0.3nH
4
100
6
12
17
22
27
10000
> 13000
0.11
0.088
0.30 ±0.03
HK 0603 1N2[]-T
RoHS
1.2
±0.3nH
4
100
6
12
16
21
25
10000
> 13000
0.12
0.089
0.30 ±0.03
HK 0603 1N5[]-T
RoHS
1.5
±0.3nH
4
100
6
12
15
20
23
10000
> 13000
0.13
0.11
0.30 ±0.03
HK 0603 1N8[]-T
RoHS
1.8
±0.3nH
4
100
6
12
15
20
23
10000
> 13000
0.16
0.12
0.30 ±0.03
HK 0603 2N0[]-T
RoHS
2.0
±0.3nH
4
100
6
12
15
20
22
10000
> 13000
0.17
0.13
0.30 ±0.03
HK 0603 2N2[]-T
RoHS
2.2
±0.3nH
4
100
6
12
15
20
22
8800
12500
0.19
0.14
0.30 ±0.03
HK 0603 2N4[]-T
RoHS
2.4
±0.3nH
4
100
6
12
15
20
22
8300
11700
0.20
0.15
0.30 ±0.03
HK 0603 2N7[]-T
RoHS
2.7
±0.3nH
5
100
7
12
15
20
22
7700
11000
0.21
0.16
0.30 ±0.03
HK 0603 3N0[]-T
RoHS
3.0
±0.3nH
5
100
7
12
15
20
22
7200
11000
0.22
0.18
0.30 ±0.03
HK 0603 3N3[]-T
RoHS
3.3
±0.3nH
5
100
7
12
15
20
22
6700
9600
0.23
0.19
0.30 ±0.03
HK 0603 3N6[]-T
RoHS
3.6
±0.3nH
5
100
7
12
15
20
22
6400
9100
0.25
0.20
0.30 ±0.03
HK 0603 3N9[]-T
RoHS
3.9
±0.3nH
5
100
7
12
15
20
22
6000
8600
0.27
0.20
0.30 ±0.03
HK 0603 4N3[]-T
RoHS
4.3
±0.3nH
5
100
7
12
15
19
21
5700
8100
0.30
0.22
0.30 ±0.03
HK 0603 4N7[]-T
RoHS
4.7
±0.3nH
5
100
7
12
15
19
21
5300
7600
0.30
0.24
0.30 ±0.03
HK 0603 5N1[]-T
RoHS
5.1
±0.3nH
5
100
7
12
15
19
21
5000
7100
0.33
0.26
0.30 ±0.03
HK 0603 5N6[]-T
RoHS
5.6
±0.3nH
5
100
7
12
15
19
21
4600
6600
0.36
0.27
0.30 ±0.03
HK 0603 6N2[]-T
RoHS
6.2
±0.3nH
5
100
7
11
14
18
20
4200
6100
0.38
0.29
0.30 ±0.03
HK 0603 6N8[]-T
RoHS
6.8
±5%
5
100
7
11
14
18
20
3900
5600
0.39
0.30
0.30 ±0.03
HK 0603 7N5[]-T
RoHS
7.5
±5%
5
100
7
11
14
18
19
3600
5300
0.41
0.34
0.30 ±0.03
HK 0603 8N2[]-T
RoHS
8.2
±5%
5
100
7
11
14
18
19
3400
4900
0.45
0.34
0.30 ±0.03
HK 0603 9N1[]-T
RoHS
9.1
±5%
5
100
7
11
14
17
18
3200
4600
0.48
0.40
0.30 ±0.03
HK 0603 10N[]-T
RoHS
10
±5%
5
100
7
11
14
17
18
2900
4200
0.51
0.41
0.30 ±0.03
HK 0603 12N[]-T
RoHS
12
±5%
5
100
7
11
14
17
18
2700
3800
0.68
0.45
0.30 ±0.03
HK 0603 15N[]-T
RoHS
15
±5%
5
100
7
11
13
16
17
2300
3300
0.71
0.50
0.30 ±0.03
HK 0603 18N[]-T
RoHS
18
±5%
5
100
7
11
13
16
17
2100
3000
0.81
0.57
0.30 ±0.03
HK 0603 22N[]-T
RoHS
22
±5%
5
100
7
11
13
15
16
1800
2600
1.00
0.71
0.30 ±0.03
HK 0603 27N[]-T
RoHS
27
±5%
4
100
6
10
12
14
15
1800
2600
1.35
1.11
0.30 ±0.03
HK 0603 33N[]-T
RoHS
33
±5%
4
100
6
10
12
14
14
1700
2400
1.47
1.33
0.30 ±0.03
HK 0603 39N[]-T
RoHS
39
±5%
4
100
6
10
12
13
12
1500
2100
1.72
1.51
0.30 ±0.03
HK 0603 47N[]-T
RoHS
47
±5%
4
100
6
10
11
12
11
1300
1800
1.90
1.74
0.30 ±0.03
HK 0603 56N[]-T
RoHS
56
±5%
4
100
6
10
11
11
10
1100
1600
2.27
1.85
0.30 ±0.03
HK 0603 68N[]-T
RoHS
68
±5%
4
100
6
10
11
11
10
1100
1500
2.66
2.30
0.30 ±0.03
HK 0603 82N[]-T
RoHS
82
±5%
4
100
6
10
11
10
8
1000
1400
3.37
2.60
0.30 ±0.03
HK 0603 R10[]-T
RoHS
100
±5%
4
100
6
9
10
9
6
900
1200
3.74
3.00
0.30 ±0.03
※ [] mark indicates the Inductance tolerance code. Please refer for the inductance tolerance except the above.
80
60
70
110
100
100
80
180
170
150
120
230
220
220
190
260
250
250
240
300
280
280
270
340
330
320
310
170
160
160
470
Q(Typical)frequency[MHz]
450
430
390
380
360
350
0.99
DC Resistance
[Ω]
Self-resonant
frequency [MHz]
Self-resonant
frequency [MHz]
(typ.)
0.63
DC Resistance
[Ω](max.)
0.18
0.19
0.71
(typ.)
Parts number
EHS
Nominal
inductance
[nH]
Inductance
tolerance ※)
Thickness
[mm]
0.24
0.27
0.29
0.35
0.42
0.46
Rated current
[mA](max.)
0.81
0.93
Q
(min.)
LQ Measuring
frequency
[MHz]
Parts number
EHS
Nominal
inductance
[nH]
Inductance
tolerance
Q
(min.)
Q(Typical)frequency[MHz]
0.52
LQ Measuring
frequency
[MHz]
Thickness
[mm]
330
310
290
270
240
230
180
220
Rated current
[mA](max.)
380
370
200
i_mlci_HK_e-E02R01


Similar Part No. - HK10054N3-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK10054N3-T TAIYO-YUDEN-HK10054N3-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK10054N3-T TAIYO-YUDEN-HK10054N3-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
More results

Similar Description - HK10054N3-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK1005R22J-T TAIYO-YUDEN-HK1005R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100582NJ-T TAIYO-YUDEN-HK100582NJ-T Datasheet
186Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10051N0S-T TAIYO-YUDEN-HK10051N0S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10057N5J-T TAIYO-YUDEN-HK10057N5J-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100547NJ-T TAIYO-YUDEN-HK100547NJ-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK06035N6S-T TAIYO-YUDEN-HK06035N6S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK160827NJ-T TAIYO-YUDEN-HK160827NJ-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK1608R22J-T TAIYO-YUDEN-HK1608R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com