Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP4011B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # OP4011B
Description  719.734 MHz Optical Timing Clock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4011B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  OP4011B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4011B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
OP4011B - 3/27/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1, 9
719.734
MHz
Tune Range
2
±100
ppm
Tune Voltage
10
+3
VDC
Tuning Linearity
1, 8
±3%
Modulation Bandwidth
50
kHz
Q and Q Output
Voltage into 50
Ω (VSWR≤1.2)
VO
1,3
0.60
1.1
VP-P
Operating Load VSWR
1,3
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-30
dBc
Nonharmonic Spurious
3, 4, 6, 7
-60
dBc
Phase Noise
dBc/Hz@100Hz offset
-75
dBc/Hz
1kHz offset
-105
dBc/Hz
10k offset
-125
Noise Floor
-155
Q and Q Jitter
RMS Jitter
3, 4, 6, 7
2PSP-P
No Noise on VCC
3, 4, 6, 7
12
PSP-P
200 mVP-P from 1MHz to ½ fO on
3
12
PSP-P
Output DC Resistance (between Q & Q)
1, 3
50
K
Ω
DC Power Supply
Operating Voltage
VCC
1, 3
3.13
3.3, 5.0
5.25
VDC
Operating Current
ICC
1, 3
70
mA
Operating Ambient Temperature
TC
1, 3
-40°C
+85°C
°C
Lid Symbolization (YY=Year, WW=Week)
RFM OP4011B YYWW
SMC-08
• Quartz SAW Stabilized and Filtered “Diff Sine” Technology
• Fundamental-Mode Oscillation at 719.734 MHz
• Voltage Tunable for Phase Lock Loop Operations
• Optical Timing Reference for Forward Error Correction Applications
The output of this device is generated and filtered by narrowband quartz SAW elements at 719.734 MHz. The
configuration of this clock is intended to provide a pure signal for optical timing applications in noisy signal
environments. The Q/Qbar differential output swing of ±1 volt about 0 vdc has symmetry better than ±1% into
loads from 40 ohms to 70 ohms; determined by customer application. The long term frequency accuracy is
set by an external reference source allowing this device to complete a Phase Lock Loop design without the
usual noise and jitter problems associated with PLL’s.
Absolute Maximum Ratings
Rating
Value
Units
DC Suppy Voltage
0 to 5.5
VDC
Tune Voltage
0 to 6
VDC
Case Temperature
-55 to 100
°C
719.734 MHz
Optical
Timing Clock
OP4011B
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
COCOM CAUTION: Approval by the U.S. Department of Commerce is required prior to export of this device.
Notes:
1.
Unless otherwise noted, all specifications include any combination of load VSWR, VCC, and TC. In addition, Q and Q are terminated into 50
Ω loads
to ground. (See: Typical Test Circuit.)
2.
Customer useful tune range in excess of what part requires over temp, aging, pushing, pulling & accuracy.
3.
The design, manufacturing process, and specifications of this device are subject to change without notice.
4.
Only under the nominal conditions of 50
Ω load impedance with VSWR ≤ 1.2 and nominal power supply voltage.
5.
Symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of Q or Q. (See: Timing Definitions.)
6.
Jitter and other spurious outputs induced by externally generated electrical noise on VCC or mechanical vibration are not included in this
specification, except where noted. External voltage regulation and careful PCB layout are recommended for optimum performance.
7.
Applies to period jitter of Q and Q. Measurements are made with the Tektronix CSA803 signal analyzer with at least 1000 samples.
8.
Linearity is a function of the percentage variation from a permitted linear deviation versus the amount of frequency tune range. See Linearity
Definition.
9.
One or more of the following United States patents apply: 4,616,197; 4,670,681; 4,760,352.


Similar Part No. - OP4011B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4011B RFM-OP4011B Datasheet
128Kb / 2P
   719.734 MHz Optical Timing
More results

Similar Description - OP4011B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4011B RFM-OP4011B Datasheet
128Kb / 2P
   719.734 MHz Optical Timing
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
   718.864 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4014B RFM-OP4014B Datasheet
129Kb / 2P
   627.329 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4017B MURATA-OP4017B Datasheet
71Kb / 2P
   777.60 MHz Optical Timing Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com