Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP4013B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # OP4013B
Description  693.48342 MHz Optical Timing Clock
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4013B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  OP4013B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4013B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OP4013B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 3
©2008-2010 by RF Monolithics, Inc.
OP4013B - 2/8/10
SMC-08 Case
Reel Size
Quantity
Per Reel
“B” Nominal
“C” Nominal
Min
Max
13 Inch
330 mm
100 mm
200
1000
Dimensions
Carrier Tape Dimensions
Cover Tape Size
Ao
.383 ± .004 (9.7 mm)
21.3 mm
Bo
.554 ± .004 (14.1 mm)
Ko
.130 ± .004 (3.3 mm )
P
12 mm
W
24 mm
Tape Length
60 m
Pockets/m
83
See Detail "A"
2.0
24.4
(measurements in millimeters)
Detail "A"
Orientation in Tape Carrier as Shipped
W
(CARRIER TAPE SIZE)
AO
BO
P
(PITCH)
COVER TAPE SIZE
KO
COVER TAPE


Similar Part No. - OP4013B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
More results

Similar Description - OP4013B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
   719.734 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
   718.864 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4014B RFM-OP4014B Datasheet
129Kb / 2P
   627.329 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4017B MURATA-OP4017B Datasheet
71Kb / 2P
   777.60 MHz Optical Timing Clock
OP4012B MURATA-OP4012B Datasheet
1Mb / 7P
   644.53125 MHz Optical Timing Clock
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com