Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6130P Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # T6130P
Description  Isolated Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

T6130P Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  T6130P Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. T6130P Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. T6130P Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. T6130P Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated Transmitter
TxxxxP Series
2014.03.23-A/2
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input
Input signal
See selection guide
Input impedance
In case of max. input of current signal
250mV
in case of input of voltage signal
10MΩ
Overload
in case of input of current signal
50mA
in case of input of voltage signal
30V
Output Specifications
Item
Operating Conditions
Value
Output of Isolated
Power Supply
Output voltage
Power, current full load
(Nominal value) ±10%
Output current
25mA
Short circuit protection
Continuous short circuit protection under normal temperature
Output
Output signal
See selection guide
Load capacity
Voltage output
2KΩ
Currentoutput@ 20mA
500Ω
Load regulation
0.050%
Ripple & noise
Bandwidth 20MHz
30mVpp
Transmission Specifications
Item
Operating Conditions
Value
Precision
0.1%F.S.
Zero Offset
0.1%F.S.
Temperature Drift
Operating temperature range of ~40 to +85℃≤50ppm/℃
bandwidth
2KHz
Response Time
5ms
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Four-terminal isolation (signal input, signal output, input power supply and
output of isolated power supply are mutually isolated)
Degree of Isolation
testing for 1 minute, leakage
current <1mA, humidity <70%
2.5KVDC (note: isolated power supply provided; the isolation voltage
between the terminal of isolated power supply and the input terminal is
500VDC)
Insulation Resistance
500VDC (signal input terminal,
signal output terminal, power
supply terminal and output
terminal of isolated power
supply)
100MΩ
Operating Temperature
~40~+85℃
Transportation and Storage
Temperature
~50~+105℃
Max. Operating Temperature
for Casing
Ta=25℃≤50℃
Application Environment
The presence of dust, fierce vibration, impulsion and corrosive gas may
cause damage to the product
Physical Specifications
Casing Material
WH8100~F [1]
Package
DIP24
Weight
10g( Typ.)
Cooling method
Free air cooling


Similar Part No. - T6130P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T613000 E-SWITCH-T613000 Datasheet
76Kb / 1P
   All Dimension In MM
T613001 E-SWITCH-T613001 Datasheet
113Kb / 1P
   All Dimension In MM
T613002 E-SWITCH-T613002 Datasheet
111Kb / 1P
   All Dimension In MM
T613003 E-SWITCH-T613003 Datasheet
117Kb / 1P
   All Dimension In MM
logo
MORNSUN Science& Techno...
T6130AP MORNSUN-T6130AP Datasheet
196Kb / 3P
   Isolated Transmitter
More results

Similar Description - T6130P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com