Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF123 Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF123
Description  IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF123 Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  IRF123 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF123 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF123 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - IRF123

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF123 SAMSUNG-IRF123 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF123 FAIRCHILD-IRF123 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Intersil Corporation
IRF123 INTERSIL-IRF123 Datasheet
68Kb / 7P
   8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF123 NJSEMI-IRF123 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
IRF123 NJSEMI-IRF123 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
More results

Similar Description - IRF123

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MTN5003T DGNJDZ-MTN5003T Datasheet
1Mb / 5P
   SOT-523 Plastic-Encapsulate MOSFETS
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
   N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
   N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
   N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
ARTSCHIP ELECTRONICS CO...
IRL220 ARTSCHIP-IRL220 Datasheet
154Kb / 5P
   N-Channel Power Mosfets
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
   N-Channel Power MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com