Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N06DB331K Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # N06DB331K
Description  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

N06DB331K Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  N06DB331K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc N06DB331K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc N06DB331K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc N06DB331K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc N06DB331K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc N06DB331K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
371
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
直流抵抗
DC
Resistance
h
mEi
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
1.0
85
0.021
1.5
69
0.025
2.2
M
20%
51
0.032
3.3
45
0.040
4.7
35
0.049
6.8
30
0.070
10
25
0.10
15
24
0.16
22
18
0.22
33
M
10%
14
0.35
47
12
0.43
68
9.7
0.66
100
8.3
0.83
3.7
3.2
2.9
2.5
2.2
2.1
1.6
1.40
1.20
0.80
0.75
0.65
0.55
1kHz
N05DB
非シールドタイプ Non-Shielded type
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
N0 5DB 1R0M
N0 5DB 1R5M
N0 5DB 2R2M
N0 5DB 3R3M
N0 5DB 4R7M
N0 5DB 6R8M
N0 5DB 1 0 0K
N0 5DB 1 5 0K
N0 5DB 2 2 0K
N0 5DB 3 3 0K
N0 5DB 4 7 0K
N0 5DB 6 8 0K
N0 5DB 1 0 1K
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
M
20%
86
68
54
41
34
26
25
20
16
13
11
9.5
7.7
19
23
26
31
38
53
62
97
150
240
400
460
840
4.20
3.70
3.00
2.40
2.00
1.70
1.40
1.10
0.90
0.76
0.66
0.54
0.45
4.50
4.20
3.70
3.20
3.00
2.40
2.10
1.70
1.26
1.08
0.77
0.68
0.49
1kHz
f
max.g
NP05DZB
シールドタイプ Shielded type
NP0 5DZB 1R0M
NP0 5DZB 1R5M
NP0 5DZB 2R2M
NP0 5DZB 3R3M
NP0 5DZB 4R7M
NP0 5DZB 6R8M
NP05DZB 1 00M
NP05DZB 1 50M
NP05DZB 2 20M
NP05DZB 3 30M
NP05DZB 4 70M
NP05DZB 6 80M
NP05DZB 1 01M
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
アイテム一覧 PART NUMBERS
※)直流重畳許容電流(Idc1)は、直流重畳によるインダクタンス低下が30%以内となる直流電流値 (at 20℃)
The saturation current value(Idc1) is the DC current value having inductance decrease down to 30%. (at 20
℃)
※)温度上昇許容電流(Idc2)は、温度上昇が40℃となる直流電流値 (at 20℃)
The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40
℃. (at 20℃)
※)定格電流値は直流重畳許容電流、または温度上昇許容電流をいずれも満足する直流電流値
The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.


Similar Part No. - N06DB331K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N060-001 TRIPPLITE-N060-001 Datasheet
156Kb / 2P
   1U Hinged Wall-Mount Patch Panel Bracket
N060-002 TRIPPLITE-N060-002 Datasheet
151Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket, TAA
N060-004 TRIPPLITE-N060-004 Datasheet
153Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket, TAA
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket
N060004 TRIPPLITE-N060004 Datasheet
471Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket
More results

Similar Description - N06DB331K

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com